Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

KSZ8873MLLJ Datasheet(PDF) 90 Page - Micrel Semiconductor

Part No. KSZ8873MLLJ
Description  Integrated 3-Port 10/100 Managed Switch with PHYs
Download  108 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com
Logo 

KSZ8873MLLJ Datasheet(HTML) 90 Page - Micrel Semiconductor

Zoom Inzoom in Zoom Outzoom out
 90 / 108 page
background image
Micrel, Inc.
KSZ8873MLLJ
September 2011
90
M9999-091911-1.8
Bit
Name
R/W
Description
Default
30-16
Reserved
N/A
Reserved
N/A
15-0
Counter Value
RO
Counter Value
0
Table 16. Format of “All Port Dropped Packet” MIB Counters
“All Port Dropped Packet” MIB counters are read using indirect memory access. The address offsets for these counters
are shown in the following table:
Offset
Counter Name
Description
0x100
Port1 TX Drop Packets
TX packets dropped due to lack of resources
0x101
Port2 TX Drop Packets
TX packets dropped due to lack of resources
0x102
Port3 TX Drop Packets
TX packets dropped due to lack of resources
0x103
Port1 RX Drop Packets
RX packets dropped due to lack of resources
0x104
Port2 RX Drop Packets
RX packets dropped due to lack of resources
0x105
Port3 RX Drop Packets
RX packets dropped due to lack of resources
Table 17. “All Port Dropped Packet” MIB Counters Indirect Memory Offsets
Examples:
1. MIB Counter Read (Read port 1 “Rx64Octets” Counter)
Write to reg. 121 (0x79) with 0x1c
// Read MIB counters selected
Write to reg. 122 (0x7A) with 0x0e
// Trigger the read operation
Then
Read reg. 128 (0x80), overflow bit [31]
// If bit 31 = 1, there was a counter overflow
valid bit [30]
// If bit 30 = 0, restart (reread) from this register
counter bits [29:24]
Read reg. 129 (0x81), counter bits [23:16]
Read reg. 130 (0x82), counter bits [15:8]
Read reg. 131 (0x83), counter bits [7:0]
2. MIB Counter Read (Read port 2 “Rx64Octets” Counter)
Write to reg. 121 (0x79) with 0x1c
// Read MIB counter selected
Write to reg. 122 (0x7A) with 0x2e
// Trigger the read operation
Then,
Read reg. 128 (0x80), overflow bit [31]
// If bit 31 = 1, there was a counter overflow
valid bit [30]
// If bit 30 = 0, restart (reread) from this register
counter bits [29:24]
Read reg. 129 (0x81), counter bits [23:16]
Read reg. 130 (0x82), counter bits [15:8]
Read reg. 131 (0x83), counter bits [7:0]
3. MIB Counter Read (Read “Port1 TX Drop Packets” Counter)
Write to reg. 121 (0x79) with 0x1d
// Read MIB counter selected
Write to reg. 122 (0x7A) with 0x00
// Trigger the read operation
Then
Read reg. 130 (0x82), counter bits [15:8]
Read reg. 131 (0x83), counter bits [7:0]


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn