Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KSZ8873MLLJ Datasheet(PDF) 84 Page - Micrel Semiconductor

Part No. KSZ8873MLLJ
Description  Integrated 3-Port 10/100 Managed Switch with PHYs
Download  108 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KSZ8873MLLJ Datasheet(HTML) 84 Page - Micrel Semiconductor

Back Button KSZ8873MLLJ Datasheet HTML 80Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 81Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 82Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 83Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 84Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 85Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 86Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 87Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 88Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 108 page
background image
Micrel, Inc.
KSZ8873MLLJ
September 2011
84
M9999-091911-1.8
Static MAC Address Table
The KSZ8873 supports both a static and a dynamic MAC address table. In response to a Destination Address (DA) look
up, the KSZ8873 searches both tables to make a packet forwarding decision. In response to a Source Address (SA) look
up, only the dynamic table is searched for aging, migration and learning purposes.
The static DA look up result takes precedence over the dynamic DA look up result. If there is a DA match in both tables,
the result from the static table is used. The entries in the static table will not be aged out by the KSZ8873.
The static table is accessed by a external processor via the SMI, SPI or I2C interfaces. The external processor performs
all addition, modification and deletion of static MAC table entries.
Bit
Name
R/W
Description
Default
57-54
FID
R/W
Filter VLAN ID – identifies one of the 16 active VLANs
0000
53
Use FID
R/W
=1, Use (FID+MAC) for static table look ups
=0, Use MAC only for static table look ups
0
52
Override
R/W
=1, Override port setting “transmit enable=0” or
“receive enable=0” setting
=0, No override
0
51
Valid
R/W
=1, This entry is valid, the lookup result will be used
=0, This entry is not valid
0
50-48
Forwarding
Ports
R/W
These 3 bits control the forwarding port(s):
001, forward to port 1
010, forward to port 2
100, forward to port 3
011, forward to port 1 and port 2
110, forward to port 2 and port 3
101, forward to port 1 and port 3
111, broadcasting (excluding the
ingress port)
000
47-0
MAC Address
R/W
48-bit MAC Address
0x0000_0000_000
0
Table 11. Format of Static MAC Table (8 Entries)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn