Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KSZ8873MLLJ Datasheet(PDF) 73 Page - Micrel Semiconductor

Part No. KSZ8873MLLJ
Description  Integrated 3-Port 10/100 Managed Switch with PHYs
Download  108 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KSZ8873MLLJ Datasheet(HTML) 73 Page - Micrel Semiconductor

Back Button KSZ8873MLLJ Datasheet HTML 69Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 70Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 71Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 72Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 73Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 74Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 75Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 76Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 77Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 108 page
background image
Micrel, Inc.
KSZ8873MLLJ
September 2011
73
M9999-091911-1.8
Register 124 (0x7C): Indirect Data Register 7
Bit
Name
R/W
Description
Default
7-0
Indirect Data
[63:56]
R/W
Bits [63:56] of indirect data
0000_0000
Register 125 (0x7D): Indirect Data Register 6
Bit
Name
R/W
Description
Default
7-0
Indirect Data
[55:48]
R/W
Bits [55:48] of indirect data
0000_0000
Register 126 (0x7E): Indirect Data Register 5
Bit
Name
R/W
Description
Default
7-0
Indirect Data
[47:40]
R/W
Bits [47:40] of indirect data
0000_0000
Register 127 (0x7F): Indirect Data Register 4
Bit
Name
R/W
Description
Default
7-0
Indirect Data
[39:32]
R/W
Bits [39:32] of indirect data
0000_0000
Register 128 (0x80): Indirect Data Register 3
Bit
Name
R/W
Description
Default
7-0
Indirect Data
[31:24]
R/W
Bits [31:24] of indirect data
0000_0000
Register 129 (0x81): Indirect Data Register 2
Bit
Name
R/W
Description
Default
7-0
Indirect Data
[23:16]
R/W
Bits [23:16] of indirect data
0000_0000
Register 130 (0x82): Indirect Data Register 1
Bit
Name
R/W
Description
Default
7-0
Indirect Data
[15:8]
R/W
Bits [15:8] of indirect data
0000_0000
Register 131 (0x83): Indirect Data Register 0
Bit
Name
R/W
Description
Default
7-0
Indirect Data
[7:0]
R/W
Bits [7:0] of indirect data
0000_0000


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn