Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSZ8873MLLJ Datasheet(PDF) 72 Page - Micrel Semiconductor

Part # KSZ8873MLLJ
Description  Integrated 3-Port 10/100 Managed Switch with PHYs
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KSZ8873MLLJ Datasheet(HTML) 72 Page - Micrel Semiconductor

Back Button KSZ8873MLLJ Datasheet HTML 68Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 69Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 70Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 71Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 72Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 73Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 74Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 75Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 76Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 108 page
background image
Micrel, Inc.
KSZ8873MLLJ
September 2011
72
M9999-091911-1.8
Registers 118 to 120
Registers 118 to 120 are User Defined Registers (UDRs). These are general purpose read/write registers that can be
used to pass user defined control and status information between the KSZ8873 and the external processor.
Register 118 (0x76): User Defined Register 1
Bit
Name
R/W
Description
Default
7-0
UDR1
R/W
0x00
Register 119 (0x77): User Defined Register 2
Bit
Name
R/W
Description
Default
7-0
UDR2
R/W
0x00
Register 120 (0x78): User Defined Register 3
Bit
Name
R/W
Description
Default
7-0
UDR3
R/W
0x00
Registers 121 to 131
Registers 121 to 131 provide read and write access to the static MAC address table, VLAN table, dynamic MAC address
table, and MIB counters.
Register 121 (0x79): Indirect Access Control 0
Bit
Name
R/W
Description
Default
7-5
Reserved
R/W
Reserved
Do not change the default values.
000
4
Read High /
Write Low
R/W
=1, Read cycle
=0, Write cycle
0
3-2
Table Select
R/W
=00, Static MAC address table selected
=01, VLAN table selected
=10, Dynamic MAC address table selected
=11, MIB counter selected
00
1-0
Indirect
Address High
R/W
Bits [9:8] of indirect address
00
Register 122 (0x7A): Indirect Access Control 1
Bit
Name
R/W
Description
Default
7-0
Indirect
Address Low
R/W
Bits [7:0] of indirect address
0000_0000
Note:
A write to register 122 triggers the read/write command. Read or write access is determined by register 121 bit 4.
Register 123 (0x7B): Indirect Data Register 8
Bit
Name
R/W
Description
Default
7
CPU Read
Status
RO
This bit is applicable only for dynamic MAC address table
and MIB counter reads.
=1, Read is still in progress
=0, Read has completed
0
6-3
Reserved
RO
Reserved
0000
2-0
Indirect Data
[66:64]
RO
Bits [66:64] of indirect data
000


Similar Part No. - KSZ8873MLLJ

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ8873MLL MICREL-KSZ8873MLL Datasheet
692Kb / 103P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLL MICREL-KSZ8873MLL Datasheet
65Kb / 2P
   Integrated 10/100BASE-T/TX/FX 3-Port Switch
KSZ8873MLL MICREL-KSZ8873MLL Datasheet
842Kb / 108P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLL MICREL-KSZ8873MLL Datasheet
1Mb / 115P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLLAM MICREL-KSZ8873MLLAM Datasheet
692Kb / 103P
   Integrated 3-Port 10/100 Managed Switch with PHYs
More results

Similar Description - KSZ8873MLLJ

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ8863RLLI MICREL-KSZ8863RLLI Datasheet
1Mb / 107P
   Integrated 3-Port 10/100 Managed Switch with PHYs
logo
Microchip Technology
KSZ8893MQL MICROCHIP-KSZ8893MQL Datasheet
2Mb / 108P
   Integrated 3-Port 10/100 Managed Switch with PHYs
DS00002897A 1-3-19
logo
Micrel Semiconductor
KSZ8893MQL MICREL-KSZ8893MQL Datasheet
703Kb / 116P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8893M MICREL-KSZ8893M Datasheet
703Kb / 116P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLL MICREL-KSZ8873MLL_13 Datasheet
1Mb / 115P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8893MQLI MICREL-KSZ8893MQLI Datasheet
703Kb / 116P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KS8993M MICREL-KS8993M_11 Datasheet
1Mb / 86P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8893MBL MICREL-KSZ8893MBL Datasheet
703Kb / 116P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLL MICREL-KSZ8873MLL_11 Datasheet
842Kb / 108P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLL MICREL-KSZ8873MLL_09 Datasheet
692Kb / 103P
   Integrated 3-Port 10/100 Managed Switch with PHYs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com