Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

KSZ8873MLLJ Datasheet(PDF) 71 Page - Micrel Semiconductor

Part No. KSZ8873MLLJ
Description  Integrated 3-Port 10/100 Managed Switch with PHYs
Download  108 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com
Logo 

KSZ8873MLLJ Datasheet(HTML) 71 Page - Micrel Semiconductor

Zoom Inzoom in Zoom Outzoom out
 71 / 108 page
background image
Micrel, Inc.
KSZ8873MLLJ
September 2011
71
M9999-091911-1.8
Register 111 (0x6F): TOS Priority Control Register 15
Bit
Name
R/W
Description
Default
7-6
DSCP[127:126]
R/W
The value in this field is used as the frame’s priority when
bits [7:2] of the frame’s IP TOS/DiffServ/Traffic Class value
is 0x3F.
00
5-4
DSCP[125:124]
R/W
The value in this field is used as the frame’s priority when
bits [7:2] of the frame’s IP TOS/DiffServ/Traffic Class value
is 0x3E.
00
3-2
DSCP[123:122]
R/W
The value in this field is used as the frame’s priority when
bits [7:2] of the frame’s IP TOS/DiffServ/Traffic Class value
is 0x3D.
00
1-0
DSCP[121:120]
R/W
The value in this field is used as the frame’s priority when
bits [7:2] of the frame’s IP TOS/DiffServ/Traffic Class value
is 0x3C.
00
Registers 112 to 117
Registers 112 to 117 contain the switch engine’s MAC address. This 48-bit address is used as the Source Address for the
MAC’s full duplex flow control (PAUSE) frame.
Register 112 (0x70): MAC Address Register 0
Bit
Name
R/W
Description
Default
7-0
MACA[47:40]
R/W
0x00
Register 113 (0x71): MAC Address Register 1
Bit
Name
R/W
Description
Default
7-0
MACA[39:32]
R/W
0x10
Register 114 (0x72): MAC Address Register 2
Bit
Name
R/W
Description
Default
7-0
MACA[31:24]
R/W
0xA1
Register 115 (0x73): MAC Address Register 3
Bit
Name
R/W
Description
Default
7-0
MACA[23:16]
R/W
0xFF
Register 116 (0x74): MAC Address Register 4
Bit
Name
R/W
Description
Default
7-0
MACA[15:8]
R/W
0xFF
Register 117 (0x75): MAC Address Register 5
Bit
Name
R/W
Description
Default
7-0
MACA[7:0]
R/W
0xFF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn