Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

KSZ8873MLLJ Datasheet(PDF) 70 Page - Micrel Semiconductor

Part No. KSZ8873MLLJ
Description  Integrated 3-Port 10/100 Managed Switch with PHYs
Download  108 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com
Logo 

KSZ8873MLLJ Datasheet(HTML) 70 Page - Micrel Semiconductor

Zoom Inzoom in Zoom Outzoom out
 70 / 108 page
background image
Micrel, Inc.
KSZ8873MLLJ
September 2011
70
M9999-091911-1.8
Register 108 (0x6C): TOS Priority Control Register 12
Bit
Name
R/W
Description
Default
7-6
DSCP[103:102]
R/W
The value in this field is used as the frame’s priority when
bits [7:2] of the frame’s IP TOS/DiffServ/Traffic Class value
is 0x33.
00
5-4
DSCP[101:100]
R/W
The value in this field is used as the frame’s priority when
bits [7:2] of the frame’s IP TOS/DiffServ/Traffic Class value
is 0x32.
00
3-2
DSCP[99:98]
R/W
The value in this field is used as the frame’s priority when
bits [7:2] of the frame’s IP TOS/DiffServ/Traffic Class value
is 0x31.
00
1-0
DSCP[97:96]
R/W
The value in this field is used as the frame’s priority when
bits [7:2] of the frame’s IP TOS/DiffServ/Traffic Class value
is 0x30.
00
Register 109 (0x6D): TOS Priority Control Register 13
Bit
Name
R/W
Description
Default
7-6
DSCP[111:110]
R/W
The value in this field is used as the frame’s priority when
bits [7:2] of the frame’s IP TOS/DiffServ/Traffic Class value
is 0x37.
00
5-4
DSCP[109:108]
R/W
The value in this field is used as the frame’s priority when
bits [7:2] of the frame’s IP TOS/DiffServ/Traffic Class value
is 0x36.
00
3-2
DSCP[107:106]
R/W
The value in this field is used as the frame’s priority when
bits [7:2] of the frame’s IP TOS/DiffServ/Traffic Class value
is 0x35.
00
1-0
DSCP[105:104]
R/W
The value in this field is used as the frame’s priority when
bits [7:2] of the frame’s IP TOS/DiffServ/Traffic Class value
is 0x34.
00
Register 110 (0x6E): TOS Priority Control Register 14
Bit
Name
R/W
Description
Default
7-6
DSCP[119:118]
R/W
The value in this field is used as the frame’s priority when
bits [7:2] of the frame’s IP TOS/DiffServ/Traffic Class value
is 0x3B.
00
5-4
DSCP[117:116]
R/W
The value in this field is used as the frame’s priority when
bits [7:2] of the frame’s IP TOS/DiffServ/Traffic Class value
is 0x3A.
00
3-2
DSCP[115:114]
R/W
The value in this field is used as the frame’s priority when
bits [7:2] of the frame’s IP TOS/DiffServ/Traffic Class value
is 0x39.
00
1-0
DSCP[113:112]
R/W
The value in this field is used as the frame’s priority when
bits [7:2] of the frame’s IP TOS/DiffServ/Traffic Class value
is 0x38.
00


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn