Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSZ8873MLLJ Datasheet(PDF) 69 Page - Micrel Semiconductor

Part # KSZ8873MLLJ
Description  Integrated 3-Port 10/100 Managed Switch with PHYs
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KSZ8873MLLJ Datasheet(HTML) 69 Page - Micrel Semiconductor

Back Button KSZ8873MLLJ Datasheet HTML 65Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 66Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 67Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 68Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 69Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 70Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 71Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 72Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 73Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 108 page
background image
Micrel, Inc.
KSZ8873MLLJ
September 2011
69
M9999-091911-1.8
Register 105 (0x69): TOS Priority Control Register 9
Bit
Name
R/W
Description
Default
7-6
DSCP[79:78]
R/W
The value in this field is used as the frame’s priority when
bits [7:2] of the frame’s IP TOS/DiffServ/Traffic Class value
is 0x27.
00
5-4
DSCP[77:76]
R/W
The value in this field is used as the frame’s priority when
bits [7:2] of the frame’s IP TOS/DiffServ/Traffic Class value
is 0x26.
00
3-2
DSCP[75:74]
R/W
The value in this field is used as the frame’s priority when
bits [7:2] of the frame’s IP TOS/DiffServ/Traffic Class value
is 0x25.
00
1-0
DSCP[73:72]
R/W
The value in this field is used as the frame’s priority when
bits [7:2] of the frame’s IP TOS/DiffServ/Traffic Class value
is 0x24.
00
Register 106 (0x6A): TOS Priority Control Register 10
Bit
Name
R/W
Description
Default
7-6
DSCP[87:86]
R/W
The value in this field is used as the frame’s priority when
bits [7:2] of the frame’s IP TOS/DiffServ/Traffic Class value
is 0x2B.
00
5-4
DSCP[85:84]
R/W
The value in this field is used as the frame’s priority when
bits [7:2] of the frame’s IP TOS/DiffServ/Traffic Class value
is 0x2A.
00
3-2
DSCP[83:82]
R/W
The value in this field is used as the frame’s priority when
bits [7:2] of the frame’s IP TOS/DiffServ/Traffic Class value
is 0x29.
00
1-0
DSCP[81:80]
R/W
The value in this field is used as the frame’s priority when
bits [7:2] of the frame’s IP TOS/DiffServ/Traffic Class value
is 0x28.
00
Register 107 (0x6B): TOS Priority Control Register 11
Bit
Name
R/W
Description
Default
7-6
DSCP[95:94]
R/W
The value in this field is used as the frame’s priority when
bits [7:2] of the frame’s IP TOS/DiffServ/Traffic Class
value is 0x2F.
00
5-4
DSCP[93:92]
R/W
The value in this field is used as the frame’s priority when
bits [7:2] of the frame’s IP TOS/DiffServ/Traffic Class
value is 0x2E.
00
3-2
DSCP[91:90]
R/W
The value in this field is used as the frame’s priority when
bits [7:2] of the frame’s IP TOS/DiffServ/Traffic Class
value is 0x2D.
00
1-0
DSCP[89:88]
R/W
The value in this field is used as the frame’s priority when
bits [7:2] of the frame’s IP TOS/DiffServ/Traffic Class
value is 0x2C.
00


Similar Part No. - KSZ8873MLLJ

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ8873MLL MICREL-KSZ8873MLL Datasheet
692Kb / 103P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLL MICREL-KSZ8873MLL Datasheet
65Kb / 2P
   Integrated 10/100BASE-T/TX/FX 3-Port Switch
KSZ8873MLL MICREL-KSZ8873MLL Datasheet
842Kb / 108P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLL MICREL-KSZ8873MLL Datasheet
1Mb / 115P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLLAM MICREL-KSZ8873MLLAM Datasheet
692Kb / 103P
   Integrated 3-Port 10/100 Managed Switch with PHYs
More results

Similar Description - KSZ8873MLLJ

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ8863RLLI MICREL-KSZ8863RLLI Datasheet
1Mb / 107P
   Integrated 3-Port 10/100 Managed Switch with PHYs
logo
Microchip Technology
KSZ8893MQL MICROCHIP-KSZ8893MQL Datasheet
2Mb / 108P
   Integrated 3-Port 10/100 Managed Switch with PHYs
DS00002897A 1-3-19
logo
Micrel Semiconductor
KSZ8893MQL MICREL-KSZ8893MQL Datasheet
703Kb / 116P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8893M MICREL-KSZ8893M Datasheet
703Kb / 116P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLL MICREL-KSZ8873MLL_13 Datasheet
1Mb / 115P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8893MQLI MICREL-KSZ8893MQLI Datasheet
703Kb / 116P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KS8993M MICREL-KS8993M_11 Datasheet
1Mb / 86P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8893MBL MICREL-KSZ8893MBL Datasheet
703Kb / 116P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLL MICREL-KSZ8873MLL_11 Datasheet
842Kb / 108P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLL MICREL-KSZ8873MLL_09 Datasheet
692Kb / 103P
   Integrated 3-Port 10/100 Managed Switch with PHYs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com