Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

KSZ8873MLLJ Datasheet(PDF) 65 Page - Micrel Semiconductor

Part No. KSZ8873MLLJ
Description  Integrated 3-Port 10/100 Managed Switch with PHYs
Download  108 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com
Logo 

KSZ8873MLLJ Datasheet(HTML) 65 Page - Micrel Semiconductor

Zoom Inzoom in Zoom Outzoom out
 65 / 108 page
background image
Micrel, Inc.
KSZ8873MLLJ
September 2011
65
M9999-091911-1.8
Register 31 (0x1F): Port 1 Status 1
Register 47 (0x2F): Port 2 Status 1
Register 63 (0x3F): Port 3 Status 1
Bit
Name
R/W
Description
Default
7
Hp_mdix
R/W
=1, HP Auto MDI/MDI-X mode
=0, Micrel Auto MDI/MDI-X mode
1
Note: Only ports 1 and 2 are
PHY ports.
This bit is not applicable to port
3 (MII).
6
Reserved
RO
Reserved
Do not change the default value.
0
5
Polrvs
RO
=1, Polarity is reversed
=0, Polarity is not reversed
0
Note: This bit is not applicable
to port 3 (MII).
This bit is only valid for 10BT
4
Transmit Flow
Control Enable
RO
=1, Transmit flow control feature is active
=0, Transmit flow control feature is inactive
0
3
Receive Flow
Control Enable
RO
=1, Receive flow control feature is active
=0, Receive flow control feature is inactive
0
2
Operation
Speed
RO
=1, Link speed is 100Mbps
=0, Link speed is 10Mbps
0
1
Operation
Duplex
RO
=1, Link duplex is full
=0, Link duplex is half
0
0
Reserved
RO
reserved
0
Register 67 (0x43): Reset
Bit
Name
R/W
Description
Default
4
Software
Reset
R/W
=1, Software reset
=0, Clear
Note: Software reset will reset all registers to the initial
values of the power-on reset or warm reset (keep the strap
values).
0
0
PCS Reset
R/W
=1, PCS reset is used when is doing software reset for a
compelete reset
=0, Clear
Note: PCS reset will reset the state machine and clock
domain in PHY’s PCS layer.
0


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn