Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KSZ8873MLLJ Datasheet(PDF) 61 Page - Micrel Semiconductor

Part No. KSZ8873MLLJ
Description  Integrated 3-Port 10/100 Managed Switch with PHYs
Download  108 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KSZ8873MLLJ Datasheet(HTML) 61 Page - Micrel Semiconductor

Back Button KSZ8873MLLJ Datasheet HTML 57Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 58Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 59Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 60Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 61Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 62Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 63Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 64Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 65Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 108 page
background image
Micrel, Inc.
KSZ8873MLLJ
September 2011
61
M9999-091911-1.8
Register 26 (0x1A): Port 1 PHY Special Control/Status
Register 42 (0x2A): Port 2 PHY Special Control/Status
Register 58 (0x3A): Reserved, not applied to port 3
Bit
Name
R/W
Description
Default
7
Vct 10M Short
RO
=1, Less than 10 meter short
0
6-5
Vct_result
RO
=00, Normal condition
=01, Open condition detected in cable
=10, Short condition detected in cable
=11, Cable diagnostic test has failed
00
4
Vct_en
R/W
(SC)
=1, Enable cable diagnostic test. After VCT test has completed,
this bit will be self-cleared.
=0, Indicate cable diagnostic test (if enabled) has completed and
the status information is valid for read.
0
3
Force_lnk
R/W
=1, Force link pass
=0, Normal Operation
0
2
Reserved
RO
Reserved
Do not change the default value.
0
1
Remote Loopback
R/W
=1, Perform Remote loopback, as follows:
Port 1 (reg. 26, bit 1 = ‘1’)
Start: RXP1/RXM1 (port 1)
Loopback: PMD/PMA of port 1’s PHY
End: TXP1/TXM1 (port 1)
Port 2 (reg. 42, bit 1 = ‘1’)
Start: RXP2/RXM2 (port 2)
Loopback: PMD/PMA of port 2’s PHY
End: TXP2/TXM2 (port 2)
=0, Normal Operation
0
0
Vct_fault_count[8]
RO
Bit[8] of VCT fault count
Distance to the fault.
It’s approximately 0.4m*vct_fault_count[8:0]
0
Register 27 (0x1B): Port 1 Not Support
Register 43 (0x2B): LinkMD Result
Register 59 (0x3B): Reserved, not applied to port 3
Bit
Name
R/W
Description
Default
7-0
Vct_fault_count[7:
0]
RO
Bits[7:0] of VCT fault count
Distance to the fault.
It’s approximately 0.4m*Vct_fault_count[8:0]
0x00


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn