Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

KSZ8873MLLJ Datasheet(PDF) 59 Page - Micrel Semiconductor

Part No. KSZ8873MLLJ
Description  Integrated 3-Port 10/100 Managed Switch with PHYs
Download  108 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com
Logo 

KSZ8873MLLJ Datasheet(HTML) 59 Page - Micrel Semiconductor

Zoom Inzoom in Zoom Outzoom out
 59 / 108 page
background image
Micrel, Inc.
KSZ8873MLLJ
September 2011
59
M9999-091911-1.8
Register 23[6:0] (0x17): Port 1 Q1 ingress data rate limit
Register 39[6:0] (0x27): Port 2 Q1 ingress data rate limit
Register 55[6:0] (0x37): Port 3 Q1 ingress data rate limit
Bit
Name
R/W
Description
Default
7
Reserved
R/W
Reserved
Do not change the default values.
0
6-0
Q1 Ingress
data Rate limit
R/W
Ingress data rate limit for priority 1 frames
Ingress traffic from this priority queue is shaped according to the
ingress Data Rate Limit Table.
0
Register 24[6:0] (0x18): Port 1 Q2 ingress data rate limit
Register 40[6:0] (0x28): Port 2 Q2 ingress data rate limit
Register 56[6:0] (0x38): Port 3 Q2 ingress data rate limit
Bit
Name
R/W
Description
Default
7
Reserved
RO
Reserved
Do not change the default values.
0
6-0
Q2 Ingress
Data Rate limit
R/W
Ingress data rate limit for priority 2 frames
Ingress traffic from this priority queue is shaped according to ingress
Data Rate Limit Table.
0
Register 25[6:0] (0x19): Port 1 Q3 ingress data rate limit
Register 41[6:0] (0x29): Port 2 Q3 ingress data rate limit
Register 57[6:0] (0x39): Port 3 Q3 ingress data rate limit
Bit
Name
R/W
Description
Default
7
Reserved
RO
Reserved
Do not change the default values.
0
6-0
Q3 Ingress
Data Rate limit
R/W
Ingress data rate limit for priority 3 frames
Ingress traffic from this priority queue is shaped according to ingress
Data Rate Limit Table.
0
Note: Most of the contents in registers 26-31 and registers 42-47 for ports 1 and 2, respectively, can also be accessed with the MIIM PHY registers.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn