Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

KSZ8873MLLJ Datasheet(PDF) 56 Page - Micrel Semiconductor

Part No. KSZ8873MLLJ
Description  Integrated 3-Port 10/100 Managed Switch with PHYs
Download  108 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com
Logo 

KSZ8873MLLJ Datasheet(HTML) 56 Page - Micrel Semiconductor

Zoom Inzoom in Zoom Outzoom out
 56 / 108 page
background image
Micrel, Inc.
KSZ8873MLLJ
September 2011
56
M9999-091911-1.8
Register 17 (0x11): Port 1 Control 1
Register 33 (0x21): Port 2 Control 1
Register 49 (0x31): Port 3 Control 1
Bit
Name
R/W
Description
Default
7
Sniffer Port
R/W
=1, Port is designated as sniffer port and will transmit packets that are
monitored.
=0, Port is a normal port
0
6
Receive
Sniff
R/W
=1, All packets received on the port will be marked as “monitored
packets” and forwarded to the designated “sniffer port”
=0, No receive monitoring
0
5
Transmit
Sniff
R/W
=1, All packets transmitted on the port will be marked as “monitored
packets” and forwarded to the designated “sniffer port”
=0, No transmit monitoring
0
4
Double Tag
R/W
=1, All packets will be tagged with port default tag of ingress port
regardless of the original packets are tagged or not
=0, Do not double tagged on all packets
0
3
User Priority
Ceiling
R/W
=1, If the packet’s “user priority field” is greater than the “user priority
field” in the port default tag register, replace the packet’s “user priority
field” with the “user priority field” in the port default tag register.
=0, Do not compare and replace the packet’s ‘user priority field”
0
2-0
Port VLAN
membership
R/W
Define the port’s egress port VLAN membership. The port can only
communicate within the membership. Bit 2 stands for port 3, bit 1 stands
for port 2, bit 0 stands for port 1.
An ‘1’ includes a port in the membership.
An ‘0’ excludes a port from membership.
111
Register 18 (0x12): Port 1 Control 2
Register 34 (0x22): Port 2 Control 2
Register 50 (0x32): Port 3 Control 2
Bit
Name
R/W
Description
Default
7
Enable 2
Queue Split
of Tx Queue
R/W
=1, Enable
It cannot be enable at the same time with split 4 queue at register 16,32
and 48 bit 0.
=0, Disable
0
6
Ingress
VLAN
Filtering
R/W
=1,Tthe switch will discard packets whose VID port membership in
VLAN table bits [18:16] does not include the ingress port.
=0, No ingress VLAN filtering.
0
5
Discard non
PVID
Packets
R/W
=1, The switch will discard packets whose VID does not match ingress
port default VID.
=0, No packets will be discarded
0
4
Force Flow
Control
R/W
=1, Will always enable full duplex flow control on the port, regardless of
AN result.
=0, Full duplex flow control is enabled based on AN result.
Pin value during reset:
For port 1, P1FFC pin
For port 2, SMRXD30
pin
For port 3, this bit has
no meaning. Flow
control is set by Reg. 6
bit 5.
3
Back
Pressure
R/W
=1, Enable port’s half duplex back pressure
0


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn