Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KSZ8873MLLJ Datasheet(PDF) 55 Page - Micrel Semiconductor

Part No. KSZ8873MLLJ
Description  Integrated 3-Port 10/100 Managed Switch with PHYs
Download  108 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KSZ8873MLLJ Datasheet(HTML) 55 Page - Micrel Semiconductor

Back Button KSZ8873MLLJ Datasheet HTML 51Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 52Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 53Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 54Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 55Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 56Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 57Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 58Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 59Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 108 page
background image
Micrel, Inc.
KSZ8873MLLJ
September 2011
55
M9999-091911-1.8
Port Registers (Registers 16 – 95)
The following registers are used to enable features that are assigned on a per port basis. The register bit assignments are
the same for all ports, but the address for each port is different, as indicated.
Register 16 (0x10): Port 1 Control 0
Register 32 (0x20): Port 2 Control 0
Register 48 (0x30): Port 3 Control 0
Bit
Name
R/W
Description
Default
7
Broadcast
Storm
Protection
Enable
R/W
=1, Enable broadcast storm protection for ingress packets on port
=0, Disable broadcast storm protection
0
6
DiffServ
Priority
Classification
Enable
R/W
=1, Enable DiffServ priority classification for ingress packets (IPv4) on
port
=0, Disable DiffServ function
0
5
802.1p
Priority
Classification
Enable
R/W
=1, Enable 802.1p priority classification for ingress packets on port
=0, Disable 802.1p
0
4-3
Port-based
Priority
Classification
R/W
=00, Ingress packets on port will be
classified as priority 0 queue if “Diffserv” or “802.1p” classification is not
enabled or fails to classify.
=01, Ingress packets on port will be
classified as priority 1 queue if “Diffserv” or “802.1p” classification is not
enabled or fails to classify.
=10, Ingress packets on port will be
classified as priority 2 queue if “Diffserv” or “802.1p” classification is not
enabled or fails to classify.
=11, Ingress packets on port will be
classified as priority 3 queue if “Diffserv” or “802.1p” classification is not
enabled or fails to classify.
Note: “DiffServ”, “802.1p” and port priority can be enabled at the same
time. The OR’ed result of 802.1p and DSCP overwrites the port priority.
00
2
Tag Insertion
R/W
=1, When packets are output on the port, the switch will add 802.1p/q
tags to packets without 802.1p/q tags when received. The switch will not
add tags to packets already tagged. The tag inserted is the ingress
port’s “port VID”.
=0, Disable tag insertion
0
1
Tag
Removal
R/W
=1, When packets are output on the port, the switch will remove
802.1p/q tags from packets with 802.1p/q tags when received. The
switch will not modify packets received without tags.
=0, Disable tag removal
0
0
TXQ Split
Enable
R/W
=1, Split TXQ to 4 queue configuration. It cannot be enable at the same
time with split 2 queue at register 18, 34,50 bit 7.
=0, No split, treated as 1 queue configuration
0


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn