Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KSZ8873MLLJ Datasheet(PDF) 54 Page - Micrel Semiconductor

Part No. KSZ8873MLLJ
Description  Integrated 3-Port 10/100 Managed Switch with PHYs
Download  108 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KSZ8873MLLJ Datasheet(HTML) 54 Page - Micrel Semiconductor

Back Button KSZ8873MLLJ Datasheet HTML 50Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 51Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 52Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 53Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 54Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 55Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 56Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 57Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 58Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 108 page
background image
Micrel, Inc.
KSZ8873MLLJ
September 2011
54
M9999-091911-1.8
Register 13 (0x0D): Global Control 11
Bit
Name
R/W
Description
Default
7-6
Tag_0x7
R/W
IEEE 802.1p mapping. The value in this field is used as the frame’s
priority when its IEEE 802.1p tag has a value of 0x7.
11
5-4
Tag_0x6
R/W
IEEE 802.1p mapping. The value in this field is used as the frame’s
priority when its IEEE 802.1p tag has a value of 0x6.
11
3-2
Tag_0x5
R/W
IEEE 802.1p mapping. The value in this field is used as the frame’s
priority when its IEEE 802.1p tag has a value of 0x5.
10
1-0
Tag_0x4
R/W
IEEE 802.1p mapping. The value in this field is used as the frame’s
priority when its IEEE 802.1p tag has a value of 0x4.
10
Register 14 (0x0E): Global Control 12
Bit
Name
R/W
Description
Default
7
Unknown
Packet
Default
Port
Enable
R/W
Send packets with unknown destination MAC addresses to specified
port(s) in bits [2:0] of this register.
=0, Disable
=1, Enable
0
6
Drive
Strength
of I/O Pad
R/W
=1, 16mA
=0, 8mA
1
5
Reserved
R/W
Reserved
Do not change the default values.
0
4
Reserved
RO
Reserved
0
3
Reserved
R/W
Reserved
Do not change the default values.
0
2-0
Unknown
Packet
Default
Port
R/W
Specify which port(s) to send packets with unknown destination MAC
addresses. This feature is enabled by bit [7] of this register.
Bit 2 stands for port 3.
Bit 1 stands for port 2.
Bit 0 stands for port 1.
An ‘1’ includes a port.
An ‘0’ excludes a port.
111
Register 15 (0x0F): Global Control 13
Bit
Name
R/W
Description
Default
7-3
PHY
Address
R/W
00000 : N/A
00001 : Port 1 PHY address is 0x1
00010 : Port 1 PHY address is 0x2
11101 : Port 1 PHY address is 0x29
11110 : N/A
11111 : N/A
Note:
Port 2 PHY address = (Port 1 PHY address) + 1
00001
2-0
Reserved
RO
Reserved
Do not change the default values.
000


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn