Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

KSZ8873MLLJ Datasheet(PDF) 51 Page - Micrel Semiconductor

Part No. KSZ8873MLLJ
Description  Integrated 3-Port 10/100 Managed Switch with PHYs
Download  108 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com
Logo 

KSZ8873MLLJ Datasheet(HTML) 51 Page - Micrel Semiconductor

Zoom Inzoom in Zoom Outzoom out
 51 / 108 page
background image
Micrel, Inc.
KSZ8873MLLJ
September 2011
51
M9999-091911-1.8
Bit
Name
R/W
Description
Default
2
Huge Packet
Support
R/W
=1, Will accept packet sizes up to 1916 bytes (inclusive). This bit
setting will override setting from bit 1 of this register.
=0, The max packet size will be determined by bit 1 of this register.
0
1
Legal
Maximum
Packet Size
Check Enable
R/W
=0, Will accept packet sizes up to 1536 bytes (inclusive).
=1, 1522 bytes for tagged packets, 1518 bytes for untagged
packets. Any packets larger than the specified value will be
dropped.
0
0
Reserved
R/W
Reserved
Do not change the default value.
0
Register 5 (0x05): Global Control 3
Bit
Name
R/W
Description
Default
7
802.1Q VLAN
Enable
R/W
=1, 802.1Q VLAN mode is turned on. VLAN table needs to set up
before the operation.
=0, 802.1Q VLAN is disabled.
0
6
IGMP Snoop
Enable on
Switch MII
Interface
R/W
=1, IGMP snoop is enabled. All IGMP packets will be forwarded to
the Switch MII port.
=0, IGMP snoop is disabled.
0
5
Reserved
RO
Reserved
Do not change the default values.
0
4
Reserved
RO
Reserved
Do not change the default values.
0
3
Weighted
Fair Queue
Enable
R/W
=0, Priority method set by the registers 175-186 bit [7]=0 for port 1,
port 2 and port 3.
=1, Weighted Fair Queueing enabled. When all four queues have
packets waiting to transmit, the bandwidth allocation is q3:q2:q1:q0
= 8:4:2:1.
If any queues are empty, the highest non-empty queue gets one
more weighting. For example, if q2 is empty, q3:q2:q1:q0 becomes
(8+1):0:2:1.
0
2
Reserved
RO
Reserved
Do not change the default values.
0
1
Reserved
RO
Reserved
Do not change the default values.
0
0
Sniff Mode
Select
R/W
=1, Will do RX AND TX sniff (both source port and destination port
need to match)
=0, Will do RX OR TX sniff (either source port or destination port
needs to match). This is the mode used to implement RX only sniff.
0


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn