Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KSZ8873MLLJ Datasheet(PDF) 48 Page - Micrel Semiconductor

Part No. KSZ8873MLLJ
Description  Integrated 3-Port 10/100 Managed Switch with PHYs
Download  108 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KSZ8873MLLJ Datasheet(HTML) 48 Page - Micrel Semiconductor

Back Button KSZ8873MLLJ Datasheet HTML 44Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 45Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 46Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 47Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 48Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 49Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 50Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 51Page - Micrel Semiconductor KSZ8873MLLJ Datasheet HTML 52Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 108 page
background image
Micrel, Inc.
KSZ8873MLLJ
September 2011
48
M9999-091911-1.8
Memory Map (8-bit Registers)
Global Registers
Register (Decimal)
Register (Hex)
Description
0-1
0x00-0x01
Chip ID Registers
2-15
0x02-0x0F
Global Control Registers
Port Registers
Register (Decimal)
Register (Hex)
Description
16-29
0x10-0x1D
Port 1 Control Registers, including MII PHY Registers
30-31
0x1E-0x1F
Port 1 Status Registers, including MII PHY Registers
32-45
0x20-0x2D
Port 2 Control Registers, including MII PHY Registers
46-47
0x2E-0x2F
Port 2 Status Registers, including MII PHY Registers
48-57
0x30-0x39
Port 3 Control Registers
58-62
0x3A-0x3E
Reserved
63
0x3F
Port 3 Status Register
64-95
0x40-0x5F
Reserved
Advanced Control Registers
Register (Decimal)
Register (Hex)
Description
96-111
0x60-0x6F
TOS Priority Control Registers
112-117
0x70-0x75
Switch Engine’s MAC Address Registers
118-120
0x76-0x78
User Defined Registers
121-122
0x79-0x7A
Indirect Access Control Registers
123-131
0x7B-0x83
Indirect Data Registers
142-153
0x8E-0x99
Station Address
154-165
0x9A-0xA5
Egress data rate limit
166
0xA6
Device mode indicator
167-170
0xA7-0xAA
High Priority Packet Buffer Reserved
171-174
0xAB-0xAE
PM Usage Flow Control Select Mode
175-186
0xAF-0xBA
TXQ Split
187-188
0xBB-0xBC
Link Change Interrupt register
189
0xBD
Force Pause Off Iteration Limit Enable
192
0xC0
Fiber Signal Threshold
194
0xC2
Insert SRC PVID
195
0xC3
Power Management and LED Mode
196
0xC4
Sleep Mode
198
0xC6
Forward Invalid VID Frame and Host Mode


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn