Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

KSZ8873MLLJ Datasheet(PDF) 45 Page - Micrel Semiconductor

Part No. KSZ8873MLLJ
Description  Integrated 3-Port 10/100 Managed Switch with PHYs
Download  108 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com
Logo 

KSZ8873MLLJ Datasheet(HTML) 45 Page - Micrel Semiconductor

Zoom Inzoom in Zoom Outzoom out
 45 / 108 page
background image
Micrel, Inc.
KSZ8873MLLJ
September 2011
45
M9999-091911-1.8
PHY1 Register 1 (PHYAD = 0x1, REGAD = 0x1): MII Basic Status
PHY2 Register 1 (PHYAD = 0x2, REGAD = 0x1): MII Basic Status
Bit
Name
R/W
Description
Default
Reference
15
T4 capable
RO
=0, Not 100 BASE-T4 capable
0
14
100 Full
capable
RO
=1, 100BASE-TX full duplex capable
=0, Not capable of 100BASE-TX full duplex
1
Always 1
13
100 Half
capable
RO
=1, 100BASE-TX half duplex capable
=0, Not 100BASE-TX half duplex capable
1
Always 1
12
10 Full
capable
RO
=1, 10BASE-T full duplex capable
=0, Not 10BASE-T full duplex capable
1
Always 1
11
10 Half
capable
RO
=1, 10BASE-T half duplex capable
=0, Not 10BASE-T half duplex capable
1
Always 1
10-7
Reserved
RO
0000
6
Preamble
suppressed
RO
NOT SUPPORTED
0
5
AN complete
RO
=1, Auto-negotiation complete
=0, Auto-negotiation not completed
0
Reg. 30, bit 6
Reg. 46, bit 6
4
Far-end fault
RO
=1, Far-end fault detected
=0, No far-end fault detected
0
Reg. 31, bit 0
3
AN capable
RO
=1, Auto-negotiation capable
=0, Not auto-negotiation capable
1
Reg. 28, bit 7
Reg. 44, bit 7
2
Link status
RO
=1, Link is up
=0, Link is down
0
Reg. 30, bit 5
Reg. 46, bit 5
1
Jabber test
RO
NOT SUPPORTED
0
0
Extended
capable
RO
=0, Not extended register capable
0
PHY1 Register 2 (PHYAD = 0x1, REGAD = 0x2): PHYID High
PHY2 Register 2 (PHYAD = 0x2, REGAD = 0x2): PHYID High
Bit
Name
R/W
Description
Default
15-0
PHYID high
RO
High order PHYID bits
0x0022
PHY1 Register 3 (PHYAD = 0x1, REGAD = 0x3): PHYID Low
PHY2 Register 3 (PHYAD = 0x2, REGAD = 0x3): PHYID Low
Bit
Name
R/W
Description
Default
15-0
PHYID low
RO
Low order PHYID bits
0x1430


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn