Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F0603G0R10FNTR Datasheet(PDF) 1 Page - AVX Corporation

Part # F0603G0R10FNTR
Description  MINIATURE 0603 SIZE LOW CURRENT LGA ACCU-GUARD짰 THIN FILM FUSES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

F0603G0R10FNTR Datasheet(HTML) 1 Page - AVX Corporation

  F0603G0R10FNTR Datasheet HTML 1Page - AVX Corporation F0603G0R10FNTR Datasheet HTML 2Page - AVX Corporation F0603G0R10FNTR Datasheet HTML 3Page - AVX Corporation F0603G0R10FNTR Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
F0603G Low Current LGA Fuses Specification 50 to
200mA 12 June 2011.doc
ACCU-GUARD ®Series
AVX Thin Film Operation
PAGE 1 OF
4
ISO 9001
PRODUCT SPECIFICATION
MINIATURE 0603 SIZE LOW CURRENT LGA
ACCU-GUARD® THIN FILM FUSES
FEATURES
DIMENSIONS mm (inches)
Bottom View
Accurate current rating
Fast acting
Standard 0603 chip size
Color coded
Taped and reeled
RoHS compliant
UL Approval: E141069
APPLICATIONS
Cellular telephones
Two-way radios
Computers
Battery chargers
Rechargeable battery packs
Hard disk drives
PDA’s
LCD screens
Digital and Video cameras
Instrumentation
TERMINATION
Nickel/Solder coating compatible with
RECOMMENDED PAD LAYOUT
automatic soldering technologies: reflow,
DIMENSIONS mm (inches)
wave soldering, vapor phase and manual.
ELECTRICAL SPECIFICATIONS
Operating temperature: -55ºC to +125ºC
Current carrying capacity:
-55ºC to -11ºC
107% of rating
-10ºC to +60ºC
100% of rating
+61ºC to +100°C
85% of rating
+101ºC to +125°C 80% of rating
Rated voltage: 32V
Post-fusing resistance: >1M
ELECTRICAL CHARACTERISTICS
Part Number
Current
Rating
A
Resistance
@0.1x IRATED
Ω (max)
Voltage Drop
@IRATED
mV (max)
Fusing Current
(within 5 sec)
A
Pre-Arc I²t
@10xIRATED
A²-sec (typ)
Color
Code
F0603G0R05FNTR
0.050
3.4
250
0.125
2 x 10
-6
Blue
F0603G0R06FNTR
0.062
2.5
280
0.155
2 x 10
-6
Yellow
F0603G0R07FNTR
0.075
2.0
280
0.1875
4 x 10
-6
Brown
F0603G0R10FNTR
0.100
2.4
300
0.250
7 x 10
-6
Red
F0603G0R12FNTR
0.125
1.6
250
0.312
1 x 10
-5
White
F0603G0R15FNTR
0.150
1.2
220
0.375
2 x 10
-5
Green
F0603G0R20FNTR
0.200
0.8
210
0.500
4 x 10
-5
Pink
1.6±0.1
(0.063±0.004)
L
0.81±0.1
(0.032±0.004)
W
0.61±0.1
(0.024±0.004)
T
0.23±0.05
(0.009±0.002)
A
0.66±0.05
(0.026±0.002)
B
0.10±0.05
(0.004±0.002)
S, H
T
L
A
B
S
W
H
0.85
2.4
1.1


Similar Part No. - F0603G0R10FNTR

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
F0603G0R10FNTR AVX-F0603G0R10FNTR Datasheet
267Kb / 4P
   Miniature 0603 Size Thin-Film Fuses
More results

Similar Description - F0603G0R10FNTR

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
F0402G0R05FNTR AVX-F0402G0R05FNTR Datasheet
189Kb / 4P
   Accu-Guard짰 II Low Current Miniature 0402 Size Thin-Film Fuses
F0402G0R05FNTR AVX-F0402G0R05FNTR Datasheet
189Kb / 4P
   Accu-Guard II Low Current Miniature 0402 Size Thin-Film Fuses
F0603G0R05FNTR AVX-F0603G0R05FNTR_17 Datasheet
267Kb / 4P
   Miniature 0603 Size Thin-Film Fuses
F1206B0R25FSTR AVX-F1206B0R25FSTR Datasheet
266Kb / 17P
   Accu-Guard짰 II SMD Thin-Film Fuse
F1206A0R20FSTR AVX-F1206A0R20FSTR Datasheet
315Kb / 23P
   Accu-Guard, SMD Thin-Film Fuse
F0402E AVX-F0402E Datasheet
285Kb / 18P
   Accu-Guard SMD Thin-Film Fuse
06035J3R3BBTTR AVX-06035J3R3BBTTR Datasheet
458Kb / 20P
   Accu-F Accu-P Thin-Film RF/Microwave Capacitors
logo
Littelfuse
0434005.NRP LITTELFUSE-0434005.NRP Datasheet
175Kb / 3P
   Surface Mount Fuses Thin Film > 0603 Size > Very Fast Acting > 434 Series
0467.250NRHF LITTELFUSE-0467.250NRHF Datasheet
839Kb / 3P
   Surface Mount Fuses Thin Film > 0603 Size > Very Fast-Acting > 467 Series
04671.25NR LITTELFUSE-04671.25NR Datasheet
839Kb / 3P
   Surface Mount Fuses Thin Film > 0603 Size > Very Fast-Acting > 467 Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com