Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

60EPU06PBF Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 60EPU06PBF
Description  Ultrafast Soft Recovery Diode, 60 A FRED Pt®
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

60EPU06PBF Datasheet(HTML) 3 Page - Vishay Siliconix

  60EPU06PBF Datasheet HTML 1Page - Vishay Siliconix 60EPU06PBF Datasheet HTML 2Page - Vishay Siliconix 60EPU06PBF Datasheet HTML 3Page - Vishay Siliconix 60EPU06PBF Datasheet HTML 4Page - Vishay Siliconix 60EPU06PBF Datasheet HTML 5Page - Vishay Siliconix 60EPU06PBF Datasheet HTML 6Page - Vishay Siliconix 60EPU06PBF Datasheet HTML 7Page - Vishay Siliconix 60EPU06PBF Datasheet HTML 8Page - Vishay Siliconix 60EPU06PBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
VS-60EPU06PbF, VS-60EPU06-N3, VS-60APU06PbF, VS-60APU06-N3
www.vishay.com
Vishay Semiconductors
Revision: 15-Aug-11
3
Document Number: 94023
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 1 - Typical Forward Voltage Drop Characteristics
Fig. 2 - Typical Values of Reverse Current vs.
Reverse Voltage
Fig. 3 - Typical Junction Capacitance vs. Reverse Voltage
Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics
1
10
1000
0
2.5
1.5
1.0
VF - Forward Voltage Drop (V)
100
0.5
2.0
T
J = 175 °C
T
J = 125 °C
T
J = 25 °C
3.0
0.01
0.1
1
10
100
0
200
VR - Reverse Voltage (V)
T
J = 175 °C
T
J = 125 °C
T
J = 25 °C
100
0.001
1000
400
300
600
500
100
1000
0
500
600
10
VR - Reverse Voltage (V)
200
T
J = 25 °C
300
400
100
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
ton - Rectangular Pulse Duration (s)
10
100
0.7
0.5
0.3
0.1
0.05
0.06226
0.32503
0.24271
0.00049
0.01294
0.24310
Ri (°C/W)
τi (s)
τ
1
T
J
R
1
R
2
R
3
T
C
τ
2
τ
3
Ci =
τi/Ri
Notes:
1. Duty factor D = t
on/period
2. Peak T
J = PDM x ZthJC + TC


Similar Part No. - 60EPU06PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
60EPU06PBF IRF-60EPU06PBF Datasheet
215Kb / 8P
   Ultrafast Soft Recovery Diode
logo
Vishay Siliconix
60EPU06PBF VISHAY-60EPU06PBF Datasheet
119Kb / 7P
   Ultrafast Soft Recovery Diode, 60 A FRED PtTM
Revision: 07-Apr-08
60EPU06PBF VISHAY-60EPU06PBF Datasheet
200Kb / 9P
   Ultrafast Soft Recovery Diode, 60 A FRED Pt
Revision: 14-Feb-11
60EPU06PBF VISHAY-60EPU06PBF Datasheet
200Kb / 9P
   Ultrafast Soft Recovery Diode, 60 A FRED Pt
Revision: 14-Feb-11
60EPU06PBF VISHAY-60EPU06PBF_11 Datasheet
200Kb / 9P
   Ultrafast Soft Recovery Diode, 60 A FRED Pt
Revision: 14-Feb-11
More results

Similar Description - 60EPU06PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-60EPU04HN3 VISHAY-VS-60EPU04HN3 Datasheet
199Kb / 8P
   Ultrafast Soft Recovery Diode, 60 A FRED Pt®
Revision: 10-Jul-15
VS-60EPU06HN3 VISHAY-VS-60EPU06HN3 Datasheet
194Kb / 8P
   Ultrafast Soft Recovery Diode, 60 A FRED Pt®
Revision: 09-Jul-15
60EPU02PBF VISHAY-60EPU02PBF_12 Datasheet
207Kb / 9P
   Ultrafast Soft Recovery Diode, 60 A FRED Pt®
Revision: 15-Aug-11
60EPU04PBF VISHAY-60EPU04PBF_12 Datasheet
202Kb / 9P
   Ultrafast Soft Recovery Diode, 60 A FRED Pt®
Revision: 15-Aug-11
60EPU04PBF VISHAY-60EPU04PBF_11 Datasheet
196Kb / 9P
   Ultrafast Soft Recovery Diode, 60 A FRED Pt
Revision: 17-Feb-11
60EPU06PBF VISHAY-60EPU06PBF_11 Datasheet
200Kb / 9P
   Ultrafast Soft Recovery Diode, 60 A FRED Pt
Revision: 14-Feb-11
60EPU02PBF VISHAY-60EPU02PBF_11 Datasheet
201Kb / 9P
   Ultrafast Soft Recovery Diode, 60 A FRED Pt
Revision: 17-Feb-11
VS-80EBU02 VISHAY-VS-80EBU02 Datasheet
137Kb / 8P
   Ultrafast Soft Recovery Diode, 80 A FRED Pt®
Revision: 15-Jun-11
VS-150EBU02 VISHAY-VS-150EBU02 Datasheet
135Kb / 8P
   Ultrafast Soft Recovery Diode, 150 A FRED Pt®
Revision: 15-Jun-11
VS-80EBU04HF4 VISHAY-VS-80EBU04HF4 Datasheet
148Kb / 7P
   Ultrafast Soft Recovery Diode, 80 A FRED Pt®
Revision: 16-Jun-15
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com