Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS1101-100EG6TP Datasheet(PDF) 8 Page - Touchstone Semiconductor Inc

Part # TS1101-100EG6TP
Description  A 1uA, 2V to 25V Bidirectional Precision Current-Sense Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS1101-100EG6TP Datasheet(HTML) 8 Page - Touchstone Semiconductor Inc

Back Button TS1101-100EG6TP Datasheet HTML 3Page - Touchstone Semiconductor Inc TS1101-100EG6TP Datasheet HTML 4Page - Touchstone Semiconductor Inc TS1101-100EG6TP Datasheet HTML 5Page - Touchstone Semiconductor Inc TS1101-100EG6TP Datasheet HTML 6Page - Touchstone Semiconductor Inc TS1101-100EG6TP Datasheet HTML 7Page - Touchstone Semiconductor Inc TS1101-100EG6TP Datasheet HTML 8Page - Touchstone Semiconductor Inc TS1101-100EG6TP Datasheet HTML 9Page - Touchstone Semiconductor Inc TS1101-100EG6TP Datasheet HTML 10Page - Touchstone Semiconductor Inc TS1101-100EG6TP Datasheet HTML 11Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
TS1101
Page 8
TS1101DS r1p0
RTFDS
external VSENSE, op amp feedback action drives the
gate of M1 such that M1
’s drain-source current is
equal to:
IDS M1
VS NS
RGAINA
or
IDS M1
ILOAD x RS NS
RGAINA
Since
M1’s drain terminal is connected to ROUT, the
output voltage of the TS1101 at the OUT terminal is,
therefore;
VO T ILOAD x RS NS x
RO T
RGAINA
When the voltage at the RS- terminal is greater than
the voltage at the RS+ terminal, the external
VSENSE voltage drop is impressed upon RGAINB.
The voltage drop across RGAINB is then converted
into a current by M2 that then produces an output
voltage across ROUT. In this design, when M1 is
conducting current (VRS+ > VRS- , the TS1101’s
internal amplifier holds M2 OFF. When M2 is
conducting current
(VRS- > VRS+), the internal
amplifier holds M1 OFF. In either case, the disabled
FET does not contribute to the resultant output
voltage.
The current-
sense amplifier’s gain accuracy is
therefore the ratio match of ROUT to RGAIN[A/B].
For each of the four gain options available, Table 1
lists the values for ROUT and RGAIN[A/B]. The
TS1101
’s output stage is protected against input
overdrive by use of an output current-limiting circuit
of 3mA (typical) and a 7V internal clamp protection
circuit.
Table 1: Internal Gain Setting Resistors (Typical
Values)
GAIN (V/V)
RGAIN[A/B] (
Ω)
ROUT (
Ω)
Part Number
25
400
10k
TS1101-25
50
200
10k
TS1101-50
100
100
10k
TS1101-100
200
100
20k
TS1101-200
The SIGN Comparator Output
As shown in the TS1101’s block diagram, the design
of the TS1101 incorporated one additional feature
an analog comparator the inputs of which monitor
the internal amplifier’s differential output voltage.
While the voltage at the TS1101’s O T terminal
indicates the magnitude of the load current, the
TS1101’s SIGN output indicates the load current’s
direction. The SIGN output is a logic high when M1
is conducting current (VRS+ > VRS-). Alternatively, the
SIGN output is a logic low when M2 is conducting
current (VRS+ < VRS-). The SIGN comparator’s
transfer characteristic is illustrated in Figure 1.
Unlike other current-sense amplifiers that implement
a OUT/SIGN arrangement, the TS1101 exhibits no
“dead zone” at I
LOAD switchover.
Figure 1: TS1101's SIGN Comparator Transfer
Characteristic.
Figure 2: SIGN Comparator Propagation Delay vs VSENSE.
100
0.1
10
1
VSENSE (│VRS+ - VRS-│) - mV
0.1
1
10
100


Similar Part No. - TS1101-100EG6TP

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
TS1101-100EG6 SILABS-TS1101-100EG6 Datasheet
1Mb / 20P
   High Side Bidirectional and Unidirectional Current Sense Amplifier
More results

Similar Description - TS1101-100EG6TP

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TS1100 TOUCHSTONE-TS1100 Datasheet
771Kb / 11P
   A 1uA, 2V to 25V SOT23 Precision Current-Sense Amplifier
TSM9938 TOUCHSTONE-TSM9938 Datasheet
751Kb / 11P
   A 1uA, SOT23 Precision Current-Sense Amplifier
TSM9634 TOUCHSTONE-TSM9634 Datasheet
746Kb / 11P
   A 1uA, SOT23 Precision Current-Sense Amplifier
logo
Maxim Integrated Produc...
MAX9938 MAXIM-MAX9938_11 Datasheet
523Kb / 14P
   1uA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 6; 1/11
logo
Touchstone Semiconducto...
TS1103 TOUCHSTONE-TS1103 Datasheet
1Mb / 11P
   A 1關A, 200關VOS Bidirectional Precision Current-Sense Amplifier
logo
Silicon Laboratories
TSM9634F SILABS-TSM9634F Datasheet
1Mb / 12P
   Precision Current-Sense Amplifier
logo
STMicroelectronics
TSC2012 STMICROELECTRONICS-TSC2012 Datasheet
1Mb / 54P
   High voltage, precision, bidirectional current sense amplifiers
Rev 4 - August 2020
logo
Analog Devices
AD8417 AD-AD8417_17 Datasheet
344Kb / 16P
   Bidirectional, Zero Drift, Current Sense Amplifier
logo
Linear Technology
LT1999-50 LINER-LT1999-50_15 Datasheet
1,003Kb / 26P
   High Voltage, Bidirectional Current Sense Amplifier
logo
Analog Devices
AD8418 AD-AD8418 Datasheet
300Kb / 16P
   Bidirectional, Zero Drift, Current Sense Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com