Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSS110 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # BSS110
Description  SIPMOS Small-Signal Transistor (P channel Enhancement mode Logic Level)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BSS110 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BSS110 Datasheet HTML 1Page - Siemens Semiconductor Group BSS110 Datasheet HTML 2Page - Siemens Semiconductor Group BSS110 Datasheet HTML 3Page - Siemens Semiconductor Group BSS110 Datasheet HTML 4Page - Siemens Semiconductor Group BSS110 Datasheet HTML 5Page - Siemens Semiconductor Group BSS110 Datasheet HTML 6Page - Siemens Semiconductor Group BSS110 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Semiconductor Group
1
12/05/1997
BSS 110
SIPMOS ® Small-Signal Transistor
• P channel
• Enhancement mode
• Logic Level
• VGS(th) = -0.8...-2.0 V
Pin 1
Pin 2
Pin 3
S
G
D
Type
VDS
ID
RDS(on)
Package
Marking
BSS 110
-50 V
-0.17 A
10
TO-92
SS 110
Type
Ordering Code
Tape and Reel Information
BSS 110
Q62702-S500
E6288
BSS 110
Q62702-S278
E6296
BSS 110
Q67000-S568
E6325
Maximum Ratings
Parameter
Symbol
Values
Unit
Drain source voltage
VDS
-50
V
Drain-gate voltage
RGS = 20 kΩ
V
DGR
-50
Gate source voltage
VGS
± 20
Continuous drain current
TA = 35 °C
ID
-0.17
A
DC drain current, pulsed
TA = 25 °C
IDpuls
-0.68
Power dissipation
TA = 25 °C
Ptot
0.63
W


Similar Part No. - BSS110

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSS110 PHILIPS-BSS110 Datasheet
76Kb / 9P
   P-channel enhancement mode vertical D-MOS transistor
1995 Apr 07
logo
Fairchild Semiconductor
BSS110 FAIRCHILD-BSS110 Datasheet
285Kb / 10P
   P-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - BSS110

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSS92 SIEMENS-BSS92 Datasheet
81Kb / 7P
   SIPMOS Small-Signal Transistor (P channel Enhancement mode Logic Level)
BSS284 SIEMENS-BSS284 Datasheet
73Kb / 7P
   SIPMOS Small-Signal Transistor (P channel Enhancement mode Logic Level)
BSS84 SIEMENS-BSS84 Datasheet
73Kb / 7P
   SIPMOS Small-Signal Transistor (P channel Enhancement mode Logic Level)
BSP317 SIEMENS-BSP317 Datasheet
169Kb / 9P
   SIPMOS Small-Signal Transistor (P channel Enhancement mode Logic Level)
BSP316 SIEMENS-BSP316 Datasheet
173Kb / 9P
   SIPMOS Small-Signal Transistor (P channel Enhancement mode Logic Level)
BSP92 SIEMENS-BSP92 Datasheet
97Kb / 8P
   SIPMOS Small-Signal Transistor (P channel Enhancement mode Logic Level)
BSP315 SIEMENS-BSP315 Datasheet
174Kb / 9P
   SIPMOS Small-Signal Transistor (P channel Enhancement mode Logic Level)
BSS192 SIEMENS-BSS192 Datasheet
75Kb / 7P
   SIPMOS Small-Signal Transistor (P channel Enhancement mode Logic Level)
BSP171 SIEMENS-BSP171 Datasheet
101Kb / 8P
   SIPMOS Small-Signal Transistor (P channel Enhancement mode Logic Level Avalanche rated)
BSP296 SIEMENS-BSP296 Datasheet
172Kb / 9P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com