Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSS100 Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part # BSS100
Description  SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BSS100 Datasheet(HTML) 6 Page - Siemens Semiconductor Group

  BSS100 Datasheet HTML 1Page - Siemens Semiconductor Group BSS100 Datasheet HTML 2Page - Siemens Semiconductor Group BSS100 Datasheet HTML 3Page - Siemens Semiconductor Group BSS100 Datasheet HTML 4Page - Siemens Semiconductor Group BSS100 Datasheet HTML 5Page - Siemens Semiconductor Group BSS100 Datasheet HTML 6Page - Siemens Semiconductor Group BSS100 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Semiconductor Group
6
12/05/1997
BSS 100
Typ. output characteristics
I
D = ƒ(VDS)
parameter: tp = 80 µs
0.0
1.0
2.0
3.0
4.0
5.0
V
6.5
V
DS
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
A
0.50
I
D
V
GS [V]
a
a
2.0
b
b
2.5
c
c
3.0
d
d
3.5
e
e
4.0
f
f
4.5
g
g
5.0
h
h
6.0
i
i
7.0
j
j
8.0
k
k
9.0
l
Ptot = 1W
l
10.0
Typ. drain-source on-resistance
R
DS (on) = ƒ(ID)
parameter: tp = 80 µs, Tj = 25 °C
0.00 0.05 0.10 0.15 0.20 0.25 0.30 0.35 0.40
A
0.50
I
D
0
2
4
6
8
10
12
14
16
19
R
DS (on)
VGS [V] =
a
2.0
VGS [V] =
a
a
2.5
b
b
3.0
c
c
3.5
d
d
4.0
e
e
4.5
f
f
5.0
g
g
6.0
h
h
7.0
i
i
8.0
j
j
9.0
k
k
10.0
Typ. transfer characteristics ID = f(VGS)
parameter: tp = 80 µs
VDS2 x ID x RDS(on)max
0
1
2
3
4
5
6
7
8
V
10
V
GS
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
A
1.0
I
D
Typ. forward transconductance gfs = f (ID)
parameter: tp = 80 µs,
VDS≥2 x ID x RDS(on)max
0.0
0.1
0.2
0.3
0.4
0.5
0.6
A
0.8
I
D
0.00
0.05
0.10
0.15
0.20
0.25
0.30
S
0.40
g
fs


Similar Part No. - BSS100

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BSS100 FAIRCHILD-BSS100 Datasheet
284Kb / 10P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
More results

Similar Description - BSS100

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSP296 SIEMENS-BSP296 Datasheet
172Kb / 9P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
BSS123 SIEMENS-BSS123 Datasheet
133Kb / 8P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
BSS295 SIEMENS-BSS295 Datasheet
78Kb / 7P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
BSS98 SIEMENS-BSS98 Datasheet
78Kb / 7P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
BS107 SIEMENS-BS107 Datasheet
77Kb / 7P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
BSP297 SIEMENS-BSP297 Datasheet
172Kb / 9P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
BSS87 SIEMENS-BSS87 Datasheet
130Kb / 8P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
BSS131 SIEMENS-BSS131 Datasheet
131Kb / 8P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
BSS138 SIEMENS-BSS138 Datasheet
138Kb / 8P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
BSS89 SIEMENS-BSS89 Datasheet
79Kb / 7P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com