Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BSP75A Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part No. BSP75A
Description  Smart Lowside Power Switch (Logic Level Input Input protection ESD Thermal shutdown with restart)
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BSP75A Datasheet(HTML) 6 Page - Siemens Semiconductor Group

  BSP75A Datasheet HTML 1Page - Siemens Semiconductor Group BSP75A Datasheet HTML 2Page - Siemens Semiconductor Group BSP75A Datasheet HTML 3Page - Siemens Semiconductor Group BSP75A Datasheet HTML 4Page - Siemens Semiconductor Group BSP75A Datasheet HTML 5Page - Siemens Semiconductor Group BSP75A Datasheet HTML 6Page - Siemens Semiconductor Group BSP75A Datasheet HTML 7Page - Siemens Semiconductor Group BSP75A Datasheet HTML 8Page - Siemens Semiconductor Group BSP75A Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Preliminary data sheet HITFET® BSP 75A
Semiconductor Group
Page 6
1998-02-04
Maximum allowable power dissipation
Ptot = f (TC)
Ptot [W]
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
0
2 5
5 0
7 5
1 0 0
125
150
TC [°C]
On-state resistance
RON = f (Tj); ID= 0.7 A; VIN= 5 V
RON [mΩ]
0
200
400
600
800
1 000
1 200
1 400
-5 0
-2 5
0
2 5
5 0
7 5
100
125
150
ma x.
ty p .
Tj [°C]
On-state resistance
RON = f (Tj); ID= 0.7 A; VIN= 10 V
RON [mΩ]
0
100
200
300
400
500
600
700
800
900
1 000
-5 0
-2 5
0
2 5
5 0
7 5
100
125
150
ma x.
typ .
Tj [°C]
Typ. input threshold voltage
VIN(th) = f (Tj); ID= 10 mA; VDS= 12 V
VIN(th) [V]
0
0.5
1
1.5
2
2.5
3
-5 0
-25
0
2 5
5 0
7 5
1 00
12 5
150
Tj [°C]


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BSP75Smart Lowside Power Switch Logic Level Input Input protection ESD Thermal shutdown with restart 1 2 3 4 5 MoreSiemens Semiconductor Group
BSP78Smart Lowside Power Switch Logic Level Input Input Protection ESD Thermal shutdown with auto restart 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS941Smart Lowside Power Switch Logic Level Input Input Protection ESD Thermal Shutdown Overload protection 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS117Smart Lowside Power Switch Logic Level Input Input Protection ESD Thermal Shutdown Overload protection 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS133Smart Lowside Power Switch Logic Level Input Input Protection ESD Thermal Shutdown Overload protection 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS933Smart Lowside Power Switch Logic Level Input Input Protection ESD Thermal Shutdown Overload protection 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS710L1Smart Four Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS432I2Smart Highside Power Switch Clamp of negative voltage at output Short-circuit protection Current limitation Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS711L1Smart Four Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS307Smart Highside Power Switch Overload protection Current limitation Short circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn