Electronic Components Datasheet Search |
|
6TQ035SPBF Datasheet(PDF) 1 Page - Vishay Siliconix |
|
6TQ035SPBF Datasheet(HTML) 1 Page - Vishay Siliconix |
1 / 7 page Document Number: 94253 For technical questions, contact: diodestech@vishay.com www.vishay.com Revision: 15-Mar-10 1 Schottky Rectifier, 6 A VS-6TQ035SPbF, VS-6TQ040SPbF, VS-6TQ045SPbF Vishay High Power Products FEATURES • 175 °C TJ operation • High frequency operation • Low forward voltage drop • High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance • Guard ring for enhanced ruggedness and long term reliability • Meets MSL level 1, per J-STD-020, LF maximum peak of 260 °C • Halogen-free according to IEC 61249-2-21 definition • Compliant to RoHS directive 2002/95/EC • AEC-Q101 qualified DESCRIPTION The VS-6TQ... Schottky rectifier series has been optimized for low reverse leakage at high temperature. The proprietary barrier technology allows for reliable operation up to 175 °C junction temperature. Typical applications are in switching power supplies, converters, freewheeling diodes, and reverse battery protection. PRODUCT SUMMARY IF(AV) 6 A VR 35 V to 45 V D2PAK Anode 1 3 Base cathode 2 N/C MAJOR RATINGS AND CHARACTERISTICS SYMBOL CHARACTERISTICS VALUES UNITS IF(AV) Rectangular waveform 6 A VRRM Range 35 to 45 V IFSM tp = 5 μs sine 690 A VF 6 Apk, TJ = 125 °C 0.53 V TJ Range - 55 to 175 °C VOLTAGE RATINGS PARAMETER SYMBOL VS-6TQ035SPbF VS-6TQ040SPbF VS-6TQ045SPbF UNITS Maximum DC reverse voltage VR 35 40 45 V Maximum working peak reverse voltage VRWM ABSOLUTE MAXIMUM RATINGS PARAMETER SYMBOL TEST CONDITIONS VALUES UNITS Maximum average forward current See fig. 5 IF(AV) 50 % duty cycle at TC = 164 °C, rectangular waveform 6 A Maximum peak one cycle non-repetitive surge current See fig. 7 IFSM 5 μs sine or 3 μs rect. pulse Following any rated load condition and with rated VRRM applied 690 10 ms sine or 6 ms rect. pulse 140 Non-repetitive avalanche energy EAS TJ = 25 °C, IAS = 1.20 A, L = 11.10 mH 8 mJ Repetitive avalanche current IAR Current decaying linearly to zero in 1 μs Frequency limited by TJ maximum VA = 1.5 x VR typical 1.20 A |
Similar Part No. - 6TQ035SPBF |
|
Similar Description - 6TQ035SPBF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |