Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5EWH06FN-M3 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 5EWH06FN-M3
Description  Hyperfast Rectifier, 5 A FRED Pt®
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

5EWH06FN-M3 Datasheet(HTML) 5 Page - Vishay Siliconix

  5EWH06FN-M3 Datasheet HTML 1Page - Vishay Siliconix 5EWH06FN-M3 Datasheet HTML 2Page - Vishay Siliconix 5EWH06FN-M3 Datasheet HTML 3Page - Vishay Siliconix 5EWH06FN-M3 Datasheet HTML 4Page - Vishay Siliconix 5EWH06FN-M3 Datasheet HTML 5Page - Vishay Siliconix 5EWH06FN-M3 Datasheet HTML 6Page - Vishay Siliconix 5EWH06FN-M3 Datasheet HTML 7Page - Vishay Siliconix 5EWH06FN-M3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Document Number: 93245
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 31-Mar-11
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
5
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
VS-5EWH06FN-M3
Hyperfast Rectifier, 5 A FRED Pt®
Vishay Semiconductors
New Product
Fig. 9 - Reverse Recovery Parameter Test Circuit
Fig. 10 - Reverse Recovery Waveform and Definitions
IRFP250
D.U.T.
L = 70 μH
V
R = 200 V
0.01
Ω
G
D
S
dI
F/dt
adjust
Q
rr
0.5 I
RRM
dI
(rec)M/dt
0.75 I
RRM
I
RRM
t
rr
t
b
t
a
I
F
dI
F/dt
0
(1)
(2)
(3)
(4)
(5)
(1) dI
F/dt - rate of change of current
through zero crossing
(2) I
RRM - peak reverse recovery current
(3) t
rr - reverse recovery time measured
from zero crossing point of negative
going I
F to point where a line passing
through 0.75 I
RRM and 0.50 IRRM
extrapolated to zero current.
(4) Q
rr - area under curve defined by trr
and I
RRM
t
rr x IRRM
2
Q
rr =
(5) dI
(rec)M/dt - peak rate of change of
current during t
b portion of trr


Similar Part No. - 5EWH06FN-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
5EWL06FN-M3 VISHAY-5EWL06FN-M3 Datasheet
149Kb / 8P
   Ultralow VF Ultrafast Rectifier, 5 A FRED Pt®
Revision: 31-Mar-11
5EWL06FNTR-M3 VISHAY-5EWL06FNTR-M3 Datasheet
149Kb / 8P
   Ultralow VF Ultrafast Rectifier, 5 A FRED Pt®
Revision: 31-Mar-11
5EWL06FNTRL-M3 VISHAY-5EWL06FNTRL-M3 Datasheet
149Kb / 8P
   Ultralow VF Ultrafast Rectifier, 5 A FRED Pt®
Revision: 31-Mar-11
5EWL06FNTRR-M3 VISHAY-5EWL06FNTRR-M3 Datasheet
149Kb / 8P
   Ultralow VF Ultrafast Rectifier, 5 A FRED Pt®
Revision: 31-Mar-11
5EWX06FN-M3 VISHAY-5EWX06FN-M3 Datasheet
149Kb / 8P
   Hyperfast Rectifier, 5 A FRED Pt®
Revision: 31-Mar-11
More results

Similar Description - 5EWH06FN-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
5EWX06FN-M3 VISHAY-5EWX06FN-M3 Datasheet
149Kb / 8P
   Hyperfast Rectifier, 5 A FRED Pt®
Revision: 31-Mar-11
10CWH02FN-M3 VISHAY-10CWH02FN-M3 Datasheet
148Kb / 8P
   Hyperfast Rectifier, 2 x 5 A FRED Pt®
Revision: 31-Mar-11
VS-10CWH02FN-M3 VISHAY-VS-10CWH02FN-M3 Datasheet
163Kb / 7P
   Hyperfast Rectifier, 2 x 5 A FRED Pt®
Revision: 04-Oct-16
VS-ETX1506S-M3 VISHAY-VS-ETX1506S-M3 Datasheet
197Kb / 8P
   Hyperfast Rectifier, 15 A FRED Pt®
Revision: 09-Jul-15
VS-1EFH02-M3 VISHAY-VS-1EFH02-M3 Datasheet
113Kb / 6P
   Hyperfast Rectifier, 1 A FRED Pt®
Revision: 28-Jun-16
8E2TX06-E VISHAY-8E2TX06-E Datasheet
174Kb / 9P
   Hyperfast Rectifier, 8 A FRED Pt®
Revision: 18-Aug-10
30ETH06FP-F3 VISHAY-30ETH06FP-F3 Datasheet
157Kb / 8P
   Hyperfast Rectifier, 30 A FRED Pt®
Revision: 16-Nov-11
15ETX06PBF VISHAY-15ETX06PBF_12 Datasheet
198Kb / 9P
   Hyperfast Rectifier, 15 A FRED Pt®
Revision: 02-Jan-11
VS-ETH3006-M3 VISHAY-VS-ETH3006-M3 Datasheet
199Kb / 9P
   Hyperfast Rectifier, 30 A FRED Pt®
Revision: 18-Apr-11
6EWX06FN-M3 VISHAY-6EWX06FN-M3 Datasheet
149Kb / 8P
   Hyperfast Rectifier, 6 A FRED Pt®
Revision: 31-Mar-11
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com