Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BSP316 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part No. BSP316
Description  SIPMOS Small-Signal Transistor (P channel Enhancement mode Logic Level)
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BSP316 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  BSP316 Datasheet HTML 1Page - Siemens Semiconductor Group BSP316 Datasheet HTML 2Page - Siemens Semiconductor Group BSP316 Datasheet HTML 3Page - Siemens Semiconductor Group BSP316 Datasheet HTML 4Page - Siemens Semiconductor Group BSP316 Datasheet HTML 5Page - Siemens Semiconductor Group BSP316 Datasheet HTML 6Page - Siemens Semiconductor Group BSP316 Datasheet HTML 7Page - Siemens Semiconductor Group BSP316 Datasheet HTML 8Page - Siemens Semiconductor Group BSP316 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Semiconductor Group
3
Sep-12-1996
BSP 316
Electrical Characteristics, at
Tj = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Dynamic Characteristics
Transconductance
VDS≥ 2 * ID * RDS(on)max, ID = -0.65 A
gfs
0.25
0.45
-
S
Input capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Ciss
-
280
370
pF
Output capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Coss
-
75
110
Reverse transfer capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Crss
-
25
40
Turn-on delay time
VDD = -30 V, VGS = -10 V, ID = -0.29 A
RGS = 50 Ω
td(on)
-
8
12
ns
Rise time
VDD = -30 V, VGS = -10 V, ID = -0.29 A
RGS = 50 Ω
tr
-
30
45
Turn-off delay time
VDD = -30 V, VGS = -10 V, ID = -0.29 A
RGS = 50 Ω
td(off)
-
80
110
Fall time
VDD = -30 V, VGS = -10 V, ID = -0.29 A
RGS = 50 Ω
tf
-
95
130


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn