Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BSP316 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part No. BSP316
Description  SIPMOS Small-Signal Transistor (P channel Enhancement mode Logic Level)
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BSP316 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BSP316 Datasheet HTML 1Page - Siemens Semiconductor Group BSP316 Datasheet HTML 2Page - Siemens Semiconductor Group BSP316 Datasheet HTML 3Page - Siemens Semiconductor Group BSP316 Datasheet HTML 4Page - Siemens Semiconductor Group BSP316 Datasheet HTML 5Page - Siemens Semiconductor Group BSP316 Datasheet HTML 6Page - Siemens Semiconductor Group BSP316 Datasheet HTML 7Page - Siemens Semiconductor Group BSP316 Datasheet HTML 8Page - Siemens Semiconductor Group BSP316 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Semiconductor Group
1
Sep-12-1996
BSP 316
SIPMOS ® Small-Signal Transistor
• P channel
• Enhancement mode
• Logic Level
• VGS(th) = -0.8...-2.0 V
Pin 1
Pin 2
Pin 3
Pin 4
G
D
S
D
Type
VDS
ID
RDS(on)
Package
Marking
BSP 316
-100 V
-0.65 A
2.2
SOT-223
BSP 316
Type
Ordering Code
Tape and Reel Information
BSP 316
Q67000-S92
E6327
Maximum Ratings
Parameter
Symbol
Values
Unit
Drain source voltage
VDS
-100
V
Drain-gate voltage
RGS = 20 kΩ
V
DGR
-100
Gate source voltage
VGS
± 20
Continuous drain current
TA = 24 °C
ID
-0.65
A
DC drain current, pulsed
TA = 25 °C
IDpuls
-2.6
Power dissipation
TA = 25 °C
Ptot
1.8
W


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn