Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IB050Q120T53N1-00 Datasheet(PDF) 2 Page - Vicor Corporation

Part # IB050Q120T53N1-00
Description  4:1 Intermediate Bus Converter Module: Up to 650 W Output
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

IB050Q120T53N1-00 Datasheet(HTML) 2 Page - Vicor Corporation

  IB050Q120T53N1-00 Datasheet HTML 1Page - Vicor Corporation IB050Q120T53N1-00 Datasheet HTML 2Page - Vicor Corporation IB050Q120T53N1-00 Datasheet HTML 3Page - Vicor Corporation IB050Q120T53N1-00 Datasheet HTML 4Page - Vicor Corporation IB050Q120T53N1-00 Datasheet HTML 5Page - Vicor Corporation IB050Q120T53N1-00 Datasheet HTML 6Page - Vicor Corporation IB050Q120T53N1-00 Datasheet HTML 7Page - Vicor Corporation IB050Q120T53N1-00 Datasheet HTML 8Page - Vicor Corporation IB050Q120T53N1-00 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
VI BRICK IBC Module
IB050Q120T53N1-00
vicorpower.com
Rev. 1.9
Page 2 of 14
Attribute
Symbol
Conditions / Notes
Min
Typ
Max
Unit
INPUT (Operating from DC input source)
Operating input voltage
36
48
60
Vdc
Non-operating input surge withstand
<100 mS
75
Vdc
Operating input dV/dt
0.003
5
V/us
Undervoltage protection
Turn-on
31
36
Vdc
Turn-off
29
34
Vdc
Turn-on / Turn-off hysteresis
2
Vdc
Time constant
7µs
Undervoltage blanking time
UV blanking time is enabled after startup
50
100
200
µs
Overvoltage protection
Turn-off
65
69
Vdc
Turn-on
60
69
Vdc
Time constant
4µs
Turn ON delay
Start up inhibit
VIN reaching turn-on voltage
20
25
30
ms
to enable function operational, see Figure 6
Turn-on delay
Enable to 10% V
OUT; pre-applied VIN ,see Figure 7
50
µs
0 load capacitance
Output voltage rise time
From 10% to 90% Vout, 10%
50
µs
load, 0 load capacitance
Restart turn-on delay
See page 10 for restart after EN pin disable
250
ms
No Load power dissipation
Enabled
4.0
5.0
W
Disabled
0.15
0.20
W
Input current
13.5
A
Inrush current overshoot
Using test circuit in Figure 21, 15% load, highline
13
18.9
A
Input reflected ripple current
At max power;
650
mArms
Using test circuit in Figure 22
Peak short circuit input current
45
A
Repetitive short circuit peak current
25
A
Internal input capacitance
17.6
µF
Internal input inductance
5nH
Recommended external
200 nH maximum source inductance
47
470
µF
input capacitance
OUTPUT
DC Output voltage band
No load, over Vin range
9.0
12.0
15.0
V
Output power [a]
36-55 VIN
0
477
W
48-55 VIN
0
600
W
50-60 VIN
0
650
W
Output current
P ≤ 650 W
53
A
Output start up load
of Iout max, maximum output capacitance
15
%
Effective output resistance
3.9
m
Ω
Line regulation (K factor)
VOUT = K • VIN @ no load
0.245
0.250
0.252
Current share accuracy
Full power operation; See Parallel Operation
10
%
on page 11; up to 3 units
All specifications valid at 48 VIN , 100% rated load and 25°C ambient, unless otherwise indicated.
SPECIFICATIONS
Electrical Characteristics
[a]
Does not exceed IPC-9592 derating guidelines. At 70°C ambient, full power operation may exceed IPC-9592 guidelines, but does not exceed
component ratings, does not activate OTP and does not compromise reliability.


Similar Part No. - IB050Q120T53N1-00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
IB050Q120T53N1-00 VICOR-IB050Q120T53N1-00 Datasheet
1Mb / 19P
   4:1 Intermediate Bus Converter Module: Up to 650W Output
More results

Similar Description - IB050Q120T53N1-00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
IB048Q120T53N1-00 VICOR-IB048Q120T53N1-00 Datasheet
1Mb / 14P
   4:1 Intermediate Bus Converter Module: Up to 650 W Output
IB054Q120T53N1-00 VICOR-IB054Q120T53N1-00 Datasheet
1Mb / 14P
   4:1 Intermediate Bus Converter Module: Up to 650 W Output
IB054Q096T64N1-00 VICOR-IB054Q096T64N1-00 Datasheet
1Mb / 14P
   5:1 Intermediate Bus Converter Module: Up to 650 W Output
IB048Q096T64N1-00 VICOR-IB048Q096T64N1-00 Datasheet
1Mb / 14P
   5:1 Intermediate Bus Converter Module: Up to 650 W Output
IB048E120T40N1-00 VICOR-IB048E120T40N1-00_14 Datasheet
3Mb / 16P
   4:1 Intermediate Bus Converter Module: Up to 500 W Output
IB048E120T32N1-00 VICOR-IB048E120T32N1-00 Datasheet
1Mb / 13P
   4:1 Intermediate Bus Converter Module: Up to 300 W Output
IB050E120T40N1-00 VICOR-IB050E120T40N1-00 Datasheet
1Mb / 13P
   4:1 Intermediate Bus Converter Module: Up to 500 W Output
IB054E120T32N1-00 VICOR-IB054E120T32N1-00 Datasheet
1Mb / 13P
   4:1 Intermediate Bus Converter Module: Up to 300 W Output
IB048E120T40N1-00 VICOR-IB048E120T40N1-00 Datasheet
1Mb / 13P
   4:1 Intermediate Bus Converter Module: Up to 500 W Output
IB054E120T40N1-00 VICOR-IB054E120T40N1-00 Datasheet
1Mb / 13P
   4:1 Intermediate Bus Converter Module: Up to 500 W Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com