Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC27424QDGNRQ1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27424QDGNRQ1
Description  DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVERS WITH ENABLE
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27424QDGNRQ1 Datasheet(HTML) 1 Page - Texas Instruments

  UCC27424QDGNRQ1 Datasheet HTML 1Page - Texas Instruments UCC27424QDGNRQ1 Datasheet HTML 2Page - Texas Instruments UCC27424QDGNRQ1 Datasheet HTML 3Page - Texas Instruments UCC27424QDGNRQ1 Datasheet HTML 4Page - Texas Instruments UCC27424QDGNRQ1 Datasheet HTML 5Page - Texas Instruments UCC27424QDGNRQ1 Datasheet HTML 6Page - Texas Instruments UCC27424QDGNRQ1 Datasheet HTML 7Page - Texas Instruments UCC27424QDGNRQ1 Datasheet HTML 8Page - Texas Instruments UCC27424QDGNRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1
OUTA
ENBA
2
INA
3
GND
7
ENBB
8
INVERTING
NONINVERTING
OUTB
4
5
INVERTING
NONINVERTING
INB
6
VDD
VDD
UCC27423-Q1
UCC27424-Q1
UCC27425-Q1
www.ti.com
SGLS274D
– SEPTEMBER 2008 – REVISED AUGUST 2011
DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVERS WITH ENABLE
Check for Samples: UCC27423-Q1, UCC27424-Q1, UCC27425-Q1
1
FEATURES
DESCRIPTION
2
Qualified for Automotive Applications
The UCC2742x high-speed dual MOSFET drivers
Industry-Standard Pinout
can deliver large peak currents into capacitive loads.
Enable Functions for Each Driver
Two standard logic options are offered
– dual
inverting and dual noninverting drivers. They are
High Current Drive Capability of
±4 A
offered in the standard SOIC-8 (D) package.
Unique Bipolar and CMOS True Drive Output
Stage Provides High Current at MOSFET Miller
Using
a
design
that
inherently
minimizes
shoot-through current, these drivers deliver 4-A
Thresholds
current where it is needed most, at the Miller plateau
TTL/CMOS Compatible Inputs Independent of
region, during the MOSFET switching transition. A
Supply Voltage
unique bipolar and MOSFET hybrid output stage in
20-ns Typical Rise and 15-ns Typical Fall
parallel also allows efficient current sourcing and
Times With 1.8-nF Load
sinking at low supply voltages.
Typical Propagation Delay Times of 25 ns With
The UCC2742x provide enable (ENBL) functions to
Input Falling and 35 ns With Input Rising
have better control of the operation of the driver
4-V to 15-V Supply Voltage
applications. ENBA and ENBB are implemented on
pins 1 and 8, which were previously left unused in the
Dual Outputs Can Be Paralleled for Higher
industry standard pinout. They are internally pulled up
Drive Current
to VDD for active-high logic and can be left open for
Rated From
–40°C to 125°C
standard operation.
APPLICATIONS
Figure 1. BLOCK DIAGRAM
Switch Mode Power Supplies
DC/DC Converters
Motor Controllers
Line Drivers
Class D Switching Amplifiers
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2008–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - UCC27424QDGNRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27424 TI-UCC27424 Datasheet
385Kb / 24P
[Old version datasheet]   DUAL 4-A HIGH SPEED LOW SIDE MOSFET DRIVERS WITH ENABLE
UCC27424-EP TI1-UCC27424-EP Datasheet
1Mb / 31P
[Old version datasheet]   Dual 4-A High-Speed Low-Side MOSFET Driver With Enable
UCC27424D TI-UCC27424D Datasheet
385Kb / 24P
[Old version datasheet]   DUAL 4-A HIGH SPEED LOW SIDE MOSFET DRIVERS WITH ENABLE
UCC27424D TI1-UCC27424D Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
UCC27424D TI1-UCC27424D Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
More results

Similar Description - UCC27424QDGNRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27423 TI-UCC27423 Datasheet
385Kb / 24P
[Old version datasheet]   DUAL 4-A HIGH SPEED LOW SIDE MOSFET DRIVERS WITH ENABLE
UCC27423 TI1-UCC27423_13 Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
UCC27423-Q1 TI1-UCC27423-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVERS WITH ENABLE
UCC27424DR TI1-UCC27424DR Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
logo
ON Semiconductor
NCV81071 ONSEMI-NCV81071 Datasheet
224Kb / 12P
   Dual 5 A High Speed Low-Side MOSFET Drivers with Enable
August, 2017 ??Rev. 0
logo
Texas Instruments
UCC27423-EP TI1-UCC27423-EP Datasheet
988Kb / 29P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27423-EP TI1-UCC27423-EP_16 Datasheet
1Mb / 31P
[Old version datasheet]   Dual 4-A High-Speed Low-Side MOSFET Driver With Enable
UCC27423 TI1-UCC27423_15 Datasheet
1Mb / 34P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers
UCC27423-EP TI1-UCC27423-EP_15 Datasheet
1Mb / 31P
[Old version datasheet]   UCC2742x-EP Dual 4-A High-Speed Low-Side MOSFET Driver With Enable
UCC27324-Q1 TI1-UCC27324-Q1 Datasheet
237Kb / 16P
[Old version datasheet]   DUAL 4-A PEAK HIGH-SPEED LOW-SIDE POWER MOSFET DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com