Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UCC27423-Q1 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part No. UCC27423-Q1
Description  DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVERS WITH ENABLE
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27423-Q1 Datasheet(HTML) 14 Page - Texas Instruments

Back Button UCC27423-Q1 Datasheet HTML 10Page - Texas Instruments UCC27423-Q1 Datasheet HTML 11Page - Texas Instruments UCC27423-Q1 Datasheet HTML 12Page - Texas Instruments UCC27423-Q1 Datasheet HTML 13Page - Texas Instruments UCC27423-Q1 Datasheet HTML 14Page - Texas Instruments UCC27423-Q1 Datasheet HTML 15Page - Texas Instruments UCC27423-Q1 Datasheet HTML 16Page - Texas Instruments UCC27423-Q1 Datasheet HTML 17Page - Texas Instruments UCC27423-Q1 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
UCC27423-Q1
UCC27424-Q1
UCC27425-Q1
SGLS274D
– SEPTEMBER 2008 – REVISED AUGUST 2011
www.ti.com
APPLICATION INFORMATION
General Information
High frequency power supplies often require high-speed, high-current drivers such as the UCC27423/UCC27424.
A leading application is the need to provide a high power buffer stage between the PWM output of the control IC
and the gates of the primary power MOSFET or IGBT switching devices. In other cases, the driver IC is utilized
to drive the power device gates through a drive transformer. Synchronous rectification supplies also have the
need to simultaneously drive multiple devices which can present an extremely large load to the control circuitry.
Driver ICs are utilized when it is not feasible to have the primary PWM regulator IC directly drive the switching
devices for one or more reasons. The PWM IC may not have the brute drive capability required for the intended
switching MOSFET, limiting the switching performance in the application. In other cases there may be a desire to
minimize the effect of high frequency switching noise by placing the high current driver physically close to the
load. Also, newer ICs that target the highest operating frequencies may not incorporate onboard gate drivers at
all. Their PWM outputs are only intended to drive the high impedance input to a driver such as the
UCC27423/UCC27424. Finally, the control IC may be under thermal stress due to power dissipation, and an
external driver can help by moving the heat from the controller to an external package.
Input Stage
The input thresholds have a 3.3-V logic sensitivity over the full range of VDD voltages; yet it is equally compatible
with 0 to VDD signals. The inputs of UCC2742x drivers are designed to withstand 500-mA reverse current without
either damage to the IC for logic upset. The input stage of each driver should be driven by a signal with a short
rise or fall time. This condition is satisfied in typical power supply applications, where the input signals are
provided by a PWM controller or logic gates with fast transition times (
<200 ns). The input stages to the drivers
function as a digital gate, and they are not intended for applications where a slow changing input voltage is used
to generate a switching output when the logic threshold of the input section is reached. While this may not be
harmful to the driver, the output of the driver may switch repeatedly at a high frequency.
Users should not attempt to shape the input signals to the driver in an attempt to slow down (or delay) the signal
at the output. If limiting the rise or fall times to the power device is desired, limit the rise or fall times to the power
device, then an external resistance can be added between the output of the driver and the load device, which is
generally a power MOSFET gate. The external resistor may also help remove power dissipation from the device
package, as discussed in the section on Thermal Considerations.
Output Stage
Inverting outputs of the UCC2742x are intended to drive external P-channel MOSFETs. Noninverting outputs of
the UCC2742x are intended to drive external N-channel MOSFETs.
Each output stage is capable of supplying
±4-A peak current pulses and swings to both VDD and GND. The
pullup/ pulldown circuits of the driver are constructed of bipolar and MOSFET transistors in parallel. The peak
output current rating is the combined current from the bipolar and MOSFET transistors. The output resistance is
the RDS(on) of the MOSFET transistor when the voltage on the driver output is less than the saturation voltage
of the bipolar transistor. Each output stage also provides a very low impedance to overshoot and undershoot due
to the body diode of the external MOSFET. This means that in many cases, external Schottky-clamp diodes are
not required.
The UCC2742x family delivers the 4-A gate drive where it is most needed during the MOSFET switching
transition
– at the Miller plateau region – providing improved efficiency gains. A unique bipolar and MOSFET
hybrid output stage in parallel also allows efficient current sourcing at low supply voltages.
Source/Sink Capabilities During Miller Plateau
Large power MOSFETs present a large load to the control circuitry. Proper drive is required for efficient, reliable
operation. The UCC2742x drivers have been optimized to provide maximum drive to a power MOSFET during
the Miller plateau region of the switching transition. This interval occurs while the drain voltage is swinging
between the voltage levels dictated by the power topology, requiring the charging/discharging of the drain-gate
capacitance with current supplied or removed by the driver device. [1]
14
Copyright
© 2008–2011, Texas Instruments Incorporated


Similar Part No. - UCC27423-Q1

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
UCC27423-Q1 TI1-UCC27423-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVERS WITH ENABLE
More results

Similar Description - UCC27423-Q1

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
UCC27423 TI-UCC27423 Datasheet
385Kb / 24P
[Old version datasheet]   DUAL 4-A HIGH SPEED LOW SIDE MOSFET DRIVERS WITH ENABLE
UCC27423 TI1-UCC27423_13 Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
UCC27423-Q1 TI1-UCC27423-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVERS WITH ENABLE
UCC27424DR TI1-UCC27424DR Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
ON Semiconductor
ON Semiconductor
NCV81071 ONSEMI-NCV81071 Datasheet
224Kb / 12P
   Dual 5 A High Speed Low-Side MOSFET Drivers with Enable
August, 2017 ??Rev. 0
Texas Instruments
Texas Instruments
UCC27423-EP TI1-UCC27423-EP Datasheet
988Kb / 29P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27423-EP TI1-UCC27423-EP_16 Datasheet
1Mb / 31P
[Old version datasheet]   Dual 4-A High-Speed Low-Side MOSFET Driver With Enable
UCC27423 TI1-UCC27423_15 Datasheet
1Mb / 34P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers
UCC27423-EP TI1-UCC27423-EP_15 Datasheet
1Mb / 31P
[Old version datasheet]   UCC2742x-EP Dual 4-A High-Speed Low-Side MOSFET Driver With Enable
ON Semiconductor
ON Semiconductor
FAN3223 ONSEMI-FAN3223 Datasheet
1Mb / 29P
   Dual 4-A High-Speed, Low-Side Gate Drivers
December-2017, Rev. 2
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz