Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UCC27423-Q1 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part No. UCC27423-Q1
Description  DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVERS WITH ENABLE
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27423-Q1 Datasheet(HTML) 13 Page - Texas Instruments

Back Button UCC27423-Q1 Datasheet HTML 9Page - Texas Instruments UCC27423-Q1 Datasheet HTML 10Page - Texas Instruments UCC27423-Q1 Datasheet HTML 11Page - Texas Instruments UCC27423-Q1 Datasheet HTML 12Page - Texas Instruments UCC27423-Q1 Datasheet HTML 13Page - Texas Instruments UCC27423-Q1 Datasheet HTML 14Page - Texas Instruments UCC27423-Q1 Datasheet HTML 15Page - Texas Instruments UCC27423-Q1 Datasheet HTML 16Page - Texas Instruments UCC27423-Q1 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
−50
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
125
−25
0
25
50
100
75
INPUT THRESHOLD
vs
TEMPERATURE
TJ − Temperature − °C
VDD = 15 V
VDD = 10 V
VDD = 4.5 V
UCC27423-Q1
UCC27424-Q1
UCC27425-Q1
www.ti.com
SGLS274D
– SEPTEMBER 2008 – REVISED AUGUST 2011
TYPICAL CHARACTERISTICS (continued)
Figure 28.
<br/>
<br/>
Copyright
© 2008–2011, Texas Instruments Incorporated
13


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn