Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UCC27423-Q1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part No. UCC27423-Q1
Description  DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVERS WITH ENABLE
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27423-Q1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button UCC27423-Q1 Datasheet HTML 4Page - Texas Instruments UCC27423-Q1 Datasheet HTML 5Page - Texas Instruments UCC27423-Q1 Datasheet HTML 6Page - Texas Instruments UCC27423-Q1 Datasheet HTML 7Page - Texas Instruments UCC27423-Q1 Datasheet HTML 8Page - Texas Instruments UCC27423-Q1 Datasheet HTML 9Page - Texas Instruments UCC27423-Q1 Datasheet HTML 10Page - Texas Instruments UCC27423-Q1 Datasheet HTML 11Page - Texas Instruments UCC27423-Q1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
SUPPLY CURRENT
vs
SUPPLY VOLTAGE (CLOAD = 4.7 nF)
VDD − Supply Voltage − V
4
9
19
0
20
40
80
120
140
160
14
60
100
2 MHz
1 MHz
500 kHz
200 kHz
50/20 kHz
100 kHz
SUPPLY CURRENT
vs
SUPPLY VOLTAGE (CLOAD = 2.2 nF)
4
10
16
0
10
30
50
60
80
90
20
40
70
6
8
12
14
VDD − Supply Voltage − V
2 MHz
1 MHz
500 kHz
200 kHz
100/50 kHz
SUPPLY CURRENT
vs
SUPPLY VOLTAGE (UCC27424)
0.30
0.35
0.40
0.45
0.50
0.55
0.60
VDD − Supply Voltage − V
4
10
16
8
6
12
14
Input = V DD
Input = 0 V
SUPPLY CURRENT
vs
SUPPLY VOLTAGE (UCC27423)
VDD − Supply Voltage − V
4
10
16
0.3
0.4
0.5
0.6
0.7
0.8
0.9
8
6
12
14
Input = VDD
Input = 0 V
UCC27423-Q1
UCC27424-Q1
UCC27425-Q1
SGLS274D
– SEPTEMBER 2008 – REVISED AUGUST 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
Figure 8.
<br/>
Figure 9.
<br/>
<br/>
<br/>
Figure 10.
<br/>
Figure 11.
<br/>
<br/>
<br/>
8
Copyright
© 2008–2011, Texas Instruments Incorporated


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn