Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UCC27423-Q1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part No. UCC27423-Q1
Description  DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVERS WITH ENABLE
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27423-Q1 Datasheet(HTML) 5 Page - Texas Instruments

  UCC27423-Q1 Datasheet HTML 1Page - Texas Instruments UCC27423-Q1 Datasheet HTML 2Page - Texas Instruments UCC27423-Q1 Datasheet HTML 3Page - Texas Instruments UCC27423-Q1 Datasheet HTML 4Page - Texas Instruments UCC27423-Q1 Datasheet HTML 5Page - Texas Instruments UCC27423-Q1 Datasheet HTML 6Page - Texas Instruments UCC27423-Q1 Datasheet HTML 7Page - Texas Instruments UCC27423-Q1 Datasheet HTML 8Page - Texas Instruments UCC27423-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
UCC27423-Q1
UCC27424-Q1
UCC27425-Q1
www.ti.com
SGLS274D
– SEPTEMBER 2008 – REVISED AUGUST 2011
ELECTRICAL CHARACTERISTICS (continued)
VDD = 4.5 V to 15 V, TA = –40°C to 125°C, TA = TJ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Overall
INB = 0 V
900
1350
INA = 0 V
INB = High
750
1100
UCC27423
INB = 0 V
750
1100
INA = High
INB = High
600
900
INB = 0 V
300
450
INA = 0 V
INB = High
750
1100
Static, VDD = 15 V,
UCC27424
ENBA = ENBB = 15 V
INB = 0 V
750
1100
INA = High
INB = High
1200
1800
Operating
IDD
μA
current
INB = 0 V
600
900
INA = 0 V
INB = High
1050
1600
UCC27425
INB = 0 V
450
700
INA = High
INB = High
900
1350
INB = 0 V
300
450
INA = 0 V
INB = High
450
700
Disabled, VDD = 15 V,
All
ENBA = ENBB = 0 V
INB = 0 V
450
700
INA = High
INB = High
600
900
Copyright
© 2008–2011, Texas Instruments Incorporated
5


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn