Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UCC27423-Q1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part No. UCC27423-Q1
Description  DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVERS WITH ENABLE
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27423-Q1 Datasheet(HTML) 4 Page - Texas Instruments

  UCC27423-Q1 Datasheet HTML 1Page - Texas Instruments UCC27423-Q1 Datasheet HTML 2Page - Texas Instruments UCC27423-Q1 Datasheet HTML 3Page - Texas Instruments UCC27423-Q1 Datasheet HTML 4Page - Texas Instruments UCC27423-Q1 Datasheet HTML 5Page - Texas Instruments UCC27423-Q1 Datasheet HTML 6Page - Texas Instruments UCC27423-Q1 Datasheet HTML 7Page - Texas Instruments UCC27423-Q1 Datasheet HTML 8Page - Texas Instruments UCC27423-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
UCC27423-Q1
UCC27424-Q1
UCC27425-Q1
SGLS274D
– SEPTEMBER 2008 – REVISED AUGUST 2011
www.ti.com
ELECTRICAL CHARACTERISTICS
VDD = 4.5 V to 15 V, TA = –40°C to 125°C, TA = TJ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input (INA, INB)
VIH
Logic 1 input threshold
2
V
VIL
Logic 0 input threshold
1
V
IIN
Input current
VIN = 0 V to VDD
–10
0
10
μA
Output (OUTA, OUTB)
IOUT
Output current
VDD = 14 V
(1) (2)
4
A
VOH
High-level output voltage
VOH = VDD – VOUT, IOUT = –10 mA, VDD = 14 V
330
450
mV
VOL
Low-level output voltage
IOUT = 10 mA, VDD = 14 V
22
40
mV
TA = 25°C, IOUT = –10 mA, VDD = 14 V
(3)
25
30
35
ROH
Output resistance high
TA = full range, IOUT = –10 mA, VDD = 14 V
(3)
18
45
TA = 25°C, IOUT = 10 mA, VDD = 14 V
(3)
1.9
2.2
2.5
ROL
Output resistance low
TA = full range, IOUT = 10 mA, VDD = 14 V
(3)
1.2
4
Latch-up protection(1)
500
mA
Switching Time
tr
Rise time (OUTA, OUTB)
CLOAD = 1.8 nF
(1)
20
40
ns
tf
Fall time (OUTA, OUTB)
CLOAD = 1.8 nF
(1)
15
40
ns
tD1
Delay time, IN rising (IN to OUT)
CLOAD = 1.8 nF
(1)
25
50
ns
UCC27423,
35
60
UCC27424
tD2
Delay time, IN falling (IN to OUT)
CLOAD = 1.8 nF
(1)
ns
UCC27425
35
70
Enable (ENBA, ENBB)
VIN_H
High-level input voltage
Low to high transition
1.7
2.4
2.9
V
VIN_L
Low-level input voltage
High to low transition
1.1
1.8
2.2
V
Hysteresis
0.15
0.55
0.90
V
RENBL Enable impedance
VDD = 14 V, ENBL = GND
75
100
145
k
tD3
Propagation delay time (see Figure 3)
CLOAD = 1.8 nF
(1) (4)
30
60
ns
tD4
Propagation delay time (see Figure 3)
CLOAD = 1.8 nF
(1) (4)
100
150
ns
(1)
Specified by design
(2)
The pullup/pulldown circuits of the driver are bipolar and MOSFET transistors in parallel. The pulsed output current rating is the
combined current from the bipolar and MOSFET transistors.
(3)
The pullup/pulldown circuits of the driver are bipolar and MOSFET transistors in parallel. The output resistance is the Rds(on) of the
MOSFET transistor when the voltage on the driver output is less than the saturation voltage of the bipolar transistor.
(4)
Not production tested
4
Copyright
© 2008–2011, Texas Instruments Incorporated


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn