Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UCC27423-Q1 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part No. UCC27423-Q1
Description  DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVERS WITH ENABLE
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27423-Q1 Datasheet(HTML) 2 Page - Texas Instruments

  UCC27423-Q1 Datasheet HTML 1Page - Texas Instruments UCC27423-Q1 Datasheet HTML 2Page - Texas Instruments UCC27423-Q1 Datasheet HTML 3Page - Texas Instruments UCC27423-Q1 Datasheet HTML 4Page - Texas Instruments UCC27423-Q1 Datasheet HTML 5Page - Texas Instruments UCC27423-Q1 Datasheet HTML 6Page - Texas Instruments UCC27423-Q1 Datasheet HTML 7Page - Texas Instruments UCC27423-Q1 Datasheet HTML 8Page - Texas Instruments UCC27423-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
ENBA
INA
GND
INB
ENBB
OUTA
VDD
OUTB
8
7
6
5
1
2
3
4
ENBA
INA
GND
INB
ENBB
OUTA
VDD
OUTB
8
7
6
5
1
2
3
4
(DUAL INVERTING)
(DUAL NON-INVERTING)
UCC27423
D OR DGN PACKAGE
(TOP VIEW)
UCC27424
D OR DGN PACKAGE
(TOP VIEW)
ENBA
INA
GND
INB
ENBB
OUTA
VDD
OUTB
8
7
6
5
1
2
3
4
(ONE INVERTING,
ONE NON-INVERTING)
UCC27425
D PACKAGE
(TOP VIEW)
UCC27423-Q1
UCC27424-Q1
UCC27425-Q1
SGLS274D
– SEPTEMBER 2008 – REVISED AUGUST 2011
www.ti.com
ORDERING INFORMATION(1)(2)
ORDERABLE
TA
CONFIGURATION
PACKAGE
TOP-SIDE MARKING
PART NUMBER
Dual Inverting
UCC27423QDGNRQ1
EADQ
MSOP
– DGN
Reel of 2500
Dual Noninverting
UCC27424QDGNRQ1
EPJQ
Dual Inverting
UCC27423QDRQ1
27423Q
–40°C to 125°C
Dual Noninverting
UCC27424QDRQ1
27424Q
SOIC
– D
Reel of 2500
One Inverting,
UCC27425QDRQ1
27425Q
One Noninverting
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
Enable input for the driver A with logic compatible threshold and hysteresis. The driver output can be enabled
ENBA
1
I
and disabled with this pin. It is internally pulled up to VDD with 100-kΩ resistor for active high operation. The
output state when the device is disabled is low, regardless of the input state.
Input A. Input signal of the A driver which has logic compatible threshold and hysteresis. If not used, this input
INA
2
I
should be tied to either VDD or GND. It should not be left floating.
Common ground. This ground should be connected very closely to the source of the power MOSFET which
GND
3
the driver is driving.
Input B. Input signal of the A driver which has logic compatible threshold and hysteresis. If not used, this input
INB
4
I
should be tied to either VDD or GND. It should not be left floating.
OUTB
5
O
Driver output B. The output stage is capable of providing 4-A drive current to the gate of a power MOSFET.
VDD
6
Supply voltage and the power input connection for this device.
OUTA
7
O
Driver output A. The output stage is capable of providing 4-A drive current to the gate of a power MOSFET.
Enable input for the driver B with logic compatible threshold and hysteresis. The driver output can be enabled
ENBB
8
I
and disabled with this pin. It is internally pulled up to VDD with 100-kΩ resistor for active high operation. The
output state when the device is disabled is low, regardless of the input state.
2
Copyright
© 2008–2011, Texas Instruments Incorporated


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn