Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UCC27423-Q1 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part No. UCC27423-Q1
Description  DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVERS WITH ENABLE
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27423-Q1 Datasheet(HTML) 17 Page - Texas Instruments

Back Button UCC27423-Q1 Datasheet HTML 13Page - Texas Instruments UCC27423-Q1 Datasheet HTML 14Page - Texas Instruments UCC27423-Q1 Datasheet HTML 15Page - Texas Instruments UCC27423-Q1 Datasheet HTML 16Page - Texas Instruments UCC27423-Q1 Datasheet HTML 17Page - Texas Instruments UCC27423-Q1 Datasheet HTML 18Page - Texas Instruments UCC27423-Q1 Datasheet HTML 19Page - Texas Instruments UCC27423-Q1 Datasheet HTML 20Page - Texas Instruments UCC27423-Q1 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
UCC27423-Q1
UCC27424-Q1
UCC27425-Q1
www.ti.com
SGLS274D
– SEPTEMBER 2008 – REVISED AUGUST 2011
VDD
Although quiescent VDD current is very low, total supply current is higher, depending on OUTA and OUTB
current and the programmed oscillator frequency. Total VDD current is the sum of quiescent VDD current and the
average OUT current. Knowing the operating frequency and the MOSFET gate charge (Qg), average OUT
current can be calculated from:
IOUT = Qg × f, where f is frequency
For the best high-speed circuit performance, two VDD bypass capacitors are recommended tp prevent noise
problems. The use of surface mount components is highly recommended. A 0.1-
μF ceramic capacitor should be
located closest to the VDD to ground connection. In addition, a larger capacitor (such as 1-
μF) with relatively low
ESR should be connected in parallel, to help deliver the high current peaks to the load. The parallel combination
of capacitors should present a low impedance characteristic for the expected current levels in the driver
application.
Drive Current and Power Requirements
The UCC2742x drivers are capable of delivering 4 A of current to a MOSFET gate for a period of several
hundred nanoseconds. High peak current is required to turn the device ON quickly. Then, to turn the device OFF,
the driver is required to sink a similar amount of current to ground. This repeats at the operating frequency of the
power device. A MOSFET is used in this discussion because it is the most common type of switching device
used in high frequency power conversion equipment.
References 1 and 2 discuss the current required to drive a power MOSFET and other capacitive-input switching
devices. Reference 2 includes information on the previous generation of bipolar IC gate drivers.
When a driver IC is tested with a discrete, capacitive load it is a fairly simple matter to calculate the power that is
required from the bias supply. The energy that must be transferred from the bias supply to charge the capacitor
is given by:
E =
½CV2, where C is the load capacitor, and V is the bias voltage feeding the driver
There is an equal amount of energy transferred to ground when the capacitor is discharged. This leads to a
power loss given by the following:
P = 2
× ½CV2f, where f is the switching frequency
This power is dissipated in the resistive elements of the circuit. Thus, with no external resistor between the driver
and gate, this power is dissipated inside the driver. Half of the total power is dissipated when the capacitor is
charged, and the other half is dissipated when the capacitor is discharged. An actual example using the
conditions of the previous gate drive waveform should help clarify this.
With VDD = 12 V, CLOAD = 10 nF, and f = 300 kHz, the power loss can be calculated as:
P = 10 nF
× (12)2 × (300 kHz) = 0.432 W
With a 12-V supply, this would equate to a current of:
I = P / V = 0.432 W / 12 V = 0.036 A
The actual current measured from the supply was 0.037 A, and is very close to the predicted value. But, the IDD
current that is due to the IC internal consumption should be considered. With no load, the IC current draw is
0.0027 A. Under this condition, the output rise and fall times are faster than with a load. This could lead to an
almost insignificant, yet measurable, current due to cross-conduction in the output stages of the driver. However,
these small current differences are buried in the high-frequency switching spikes and are beyond the
measurement capabilities of a basic lab setup. The measured current with 10-nF load is reasonably close to that
expected.
The switching load presented by a power MOSFET can be converted to an equivalent capacitance by examining
the gate charge required to switch the device. This gate charge includes the effects of the input capacitance plus
the added charge needed to swing the drain of the device between the ON and OFF states. Most manufacturers
provide specifications that provide the typical and maximum gate charge, in nC, to switch the device under
specified conditions. Using the gate charge Qg, one can determine the power that must be dissipated when
charging a capacitor. This is done by using the equivalence Qg = CeffV to provide the following equation for
power:
P = C
× V2 × f = Qg × f
Copyright
© 2008–2011, Texas Instruments Incorporated
17


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn