Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSU6712 Datasheet(PDF) 33 Page - Texas Instruments

Part # TSU6712
Description  SP4T SWITCH WITH IMPEDANCE DETECTION MICRO-USB SWITCH TO SUPPORT USB, UART, AUDIO, AND VIDEO
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSU6712 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TSU6712 Datasheet HTML 29Page - Texas Instruments TSU6712 Datasheet HTML 30Page - Texas Instruments TSU6712 Datasheet HTML 31Page - Texas Instruments TSU6712 Datasheet HTML 32Page - Texas Instruments TSU6712 Datasheet HTML 33Page - Texas Instruments TSU6712 Datasheet HTML 34Page - Texas Instruments TSU6712 Datasheet HTML 35Page - Texas Instruments TSU6712 Datasheet HTML 36Page - Texas Instruments TSU6712 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 43 page
background image
TSU6712
www.ti.com
SCDS321
– MAY 2011
Device Type 1
Address:
0Ah
Reset Value: 00000000
Type:
Read
SIZE
BIT NO.
NAME
DESCRIPTION
(BITS)
0
Audio type 1
1
Audio device type 1
1
Audio type 2
1
Audio device type 2
2
USB
1
USB host
3
UART
1
UART
4
Car Kit
1
Car Kit
5
CDP
1
Charging Downstream Port (USB Host Hub Charger)
6
DCP
1
Dedicated Charging Charger
7
USB OTG
1
USB on-the-go device
Device Type 2
Address:
0Bh
Reset Value: x0000000
Type:
Read
SIZE
BIT NO.
NAME
DESCRIPTION
(BITS)
0
JIG_USB_ON
1
Factory mode cable
1
JIG_USB_OFF
1
Factory mode cable
2
JIG_UART_ON
1
Factory mode cable
3
JIG_UART_OFF
1
Factory mode cable
4
PPD
1
Phone-powered device
5
TTY
1
TTY converter
6
A/V
1
A/V cable
7
Unused
1
Copyright
© 2011, Texas Instruments Incorporated
33


Similar Part No. - TSU6712

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSU6721 TI-TSU6721 Datasheet
722Kb / 8P
[Old version datasheet]   MCPC Compatible USB Port Multimedia Switch Supports USB, UART, Audio, ID, MIC, and Load Switch
TSU6721YFF TI-TSU6721YFF Datasheet
658Kb / 38P
[Old version datasheet]   MCPC Compatible USB Port Multimedia Switch Supports USB, UART, Audio, ID, MIC, and Load Switch
TSU6721YFFR TI-TSU6721YFFR Datasheet
658Kb / 38P
[Old version datasheet]   MCPC Compatible USB Port Multimedia Switch Supports USB, UART, Audio, ID, MIC, and Load Switch
TSU6721YFFR TI-TSU6721YFFR Datasheet
722Kb / 8P
[Old version datasheet]   MCPC Compatible USB Port Multimedia Switch Supports USB, UART, Audio, ID, MIC, and Load Switch
More results

Similar Description - TSU6712

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSU5611 TI1-TSU5611 Datasheet
477Kb / 7P
[Old version datasheet]   DP3T SWITCH WITH IMPEDANCE DETECTION MICRO-USB SWITCH TO SUPPORT USB, UART, AUDIO, AND CHARGER DETECTION
TSU5511 TI1-TSU5511 Datasheet
363Kb / 25P
[Old version datasheet]   SP3T SWITCH WITH IMPEDANCE DETECTION MICRO-USB SWITCH TO SUPPORT USB, UART, AUDIO, AND CHARGER
TSU6111 TI1-TSU6111 Datasheet
869Kb / 25P
[Old version datasheet]   SP2T Switch with Impedance Detection Micro-USB Switch to Support USB, UART
TSU8111 TI-TSU8111 Datasheet
184Kb / 6P
[Old version datasheet]   SINGLE CELL CHARGER AND USB SP2T SWITCH SUPPORT USB AND UART
logo
Mini-Circuits
USB-SP4T-63 MINI-USB-SP4T-63 Datasheet
472Kb / 8P
   USB RF SP4T Switch
logo
Texas Instruments
TSU6721 TI-TSU6721 Datasheet
722Kb / 8P
[Old version datasheet]   MCPC Compatible USB Port Multimedia Switch Supports USB, UART, Audio, ID, MIC, and Load Switch
logo
ON Semiconductor
FSA1153 ONSEMI-FSA1153 Datasheet
285Kb / 11P
   DP3T USB Type C Audio andUART Analog Switch with OVP
December, 2018 ??Rev. 1
logo
Texas Instruments
TSU6721YFF TI-TSU6721YFF Datasheet
658Kb / 38P
[Old version datasheet]   MCPC Compatible USB Port Multimedia Switch Supports USB, UART, Audio, ID, MIC, and Load Switch
logo
Mini-Circuits
U2C-1SP4T-63H MINI-U2C-1SP4T-63H Datasheet
1,004Kb / 10P
   USB / I2C RF SP4T Switch
USB-1SP4T-A18 MINI-USB-1SP4T-A18 Datasheet
922Kb / 7P
   USB RF-SP4T Switch Matrix
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com