Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54362 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS54362
Description  3A, 60V STEP DOWN DC/DC CONVERTER WITH LOW Iq
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54362 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS54362 Datasheet HTML 2Page - Texas Instruments TPS54362 Datasheet HTML 3Page - Texas Instruments TPS54362 Datasheet HTML 4Page - Texas Instruments TPS54362 Datasheet HTML 5Page - Texas Instruments TPS54362 Datasheet HTML 6Page - Texas Instruments TPS54362 Datasheet HTML 7Page - Texas Instruments TPS54362 Datasheet HTML 8Page - Texas Instruments TPS54362 Datasheet HTML 9Page - Texas Instruments TPS54362 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
VIN
VIN
PH
VReg
VSENSE
BOOT
OV_TH
COMP
SS
RST_TH
NC
SYNC
LPM
EN
Rslew
NC
Cdly
RT
GND
RST
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
TPS54362-Q1, TPS54362A-Q1
SLVS845D
– MARCH 2009 – REVISED OCTOBER 2011
www.ti.com
DEVICE INFORMATION
PWP 20-PIN PACKAGE
TOP VIEW
PIN FUNCTIONS
PIN
I/O
DESCRIPTION
NAME
NO.
NC
1
NC
Connect to ground
NC
2
NC
Connect to ground
SYNC
3
I
External synchronization clock input to override the internal oscillator clock. An internal pull down
resistor of 62k
Ω (typical) is connected to the ground.
LPM
4
I
Low-power mode control using digital input signal. An internal pull down resistor of 62k
Ω (typical) is
connected to the ground.
EN
5
I
Enable pin, internally pulled up. Must be externally pulled up or down to enable/disable the device.
RT
6
O
External resistor to ground to program the internal oscillator frequency.
Rslew
7
O
External resistor to ground to control the slew rate of internal switching FET.
RST
8
O
Active low, open drain reset output connected to external bias voltage through a resistor, asserted
high after the device starts regulating.
Cdly
9
O
External capacitor to ground to program power on reset delay.
GND
10
O
Ground pin, must be electrically connected to the exposed pad on the PCB for proper thermal
performance.
SS
11
O
External capacitor to ground to program soft start time.
OV_TH
12
I
Sense input for overvoltage detection on regulated output, an external resisitor network is connected
between VReg and ground to program the overvoltage threshold.
RST_TH
13
I
Sense input for overvoltage detection on regulated output, an external resisitor network is connected
between VReg and ground to program the reset and undervoltage threshold.
VSENSE
14
I
Inverting node of error amplifier for voltage mode control
COMP
15
O
Error amplifier output to connect external compensation components.
VReg
16
I
Internal low-side FET to load output during startup or limit overshoot.
PH
17
O
Source of the internal switching FET
VIN
18
I
Unregulated input voltage. Pin 18 and pin 19 must be connected externally.
VIN
19
I
Unregulated input voltage. Pin 18 and pin 19 must be connected externally.
BOOT
20
O
External bootstrap capacitor to PH to drive the gate of the internal switching FET.
6
Submit Documentation Feedback
Copyright
© 2009–2011, Texas Instruments Incorporated
Product Folder Link(s) :TPS54362-Q1 TPS54362A-Q1


Similar Part No. - TPS54362

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54362-HT TI1-TPS54362-HT Datasheet
614Kb / 34P
[Old version datasheet]   1-A, 48-V STEP DOWN DC/DC CONVERTER WITH LOW
TPS54362-HT TI-TPS54362-HT_15 Datasheet
528Kb / 34P
[Old version datasheet]   1-A, 48-V STEP DOWN DC/DC CONVERTER WITH LOW Iq
TPS54362-HT TI1-TPS54362-HT_16 Datasheet
614Kb / 34P
[Old version datasheet]   1-A, 48-V STEP DOWN DC/DC CONVERTER WITH LOW
TPS54362-Q1 TI1-TPS54362-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   TPS54362-Q1 3-A, 60-V Step-Down DC-DC Converter With Low
TPS54362-Q1 TI-TPS54362-Q1_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPS54362-Q1 3-A, 60-V Step-Down DC-DC Converter With Low I(q)
More results

Similar Description - TPS54362

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54061 TI1-TPS54061 Datasheet
1Mb / 36P
[Old version datasheet]   Wide Input 60V, 200mA Synchronous Step-Down DC-DC Converter with Low IQ
logo
Diodes Incorporated
PAM2320 DIODES-PAM2320 Datasheet
369Kb / 12P
   3A LOW NOISE STEP-DOWN DC-DC CONVERTER
logo
Power Analog Micoelectr...
PAM2307 PAM-PAM2307 Datasheet
454Kb / 13P
   3A Low Noise Step-Down DC-DC Converter
PAM2303 PAM-PAM2303 Datasheet
336Kb / 13P
   3A Low Noise Step-Down DC-DC Converter
PAM2320 PAM-PAM2320 Datasheet
249Kb / 11P
   3A Low Noise Step-Down DC-DC Converter
logo
Diodes Incorporated
PAM2307 DIODES-PAM2307 Datasheet
618Kb / 14P
   3A LOW NOISE STEP-DOWN DC-DC CONVERTER
logo
Advanced Analogic Techn...
AAT1160 ANALOGICTECH-AAT1160 Datasheet
662Kb / 17P
   12V, 3A Step-Down DC/DC Converter
AAT1154 ANALOGICTECH-AAT1154_07 Datasheet
449Kb / 16P
   1MHz 3A Step-Down DC/DC Converter
logo
Holtek Semiconductor In...
HT7466 HOLTEK-HT7466 Datasheet
1Mb / 9P
   3A Step-Down DC to DC Converter
logo
Active-Semi, Inc
ACT2113 ACTIVE-SEMI-ACT2113_14 Datasheet
690Kb / 17P
   18V/3A Step-Down DC/DC Converter
Rev 3, 23-May-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com