Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54362AQPWPRQ1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54362AQPWPRQ1
Description  3A, 60V STEP DOWN DC/DC CONVERTER WITH LOW Iq
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54362AQPWPRQ1 Datasheet(HTML) 1 Page - Texas Instruments

  TPS54362AQPWPRQ1 Datasheet HTML 1Page - Texas Instruments TPS54362AQPWPRQ1 Datasheet HTML 2Page - Texas Instruments TPS54362AQPWPRQ1 Datasheet HTML 3Page - Texas Instruments TPS54362AQPWPRQ1 Datasheet HTML 4Page - Texas Instruments TPS54362AQPWPRQ1 Datasheet HTML 5Page - Texas Instruments TPS54362AQPWPRQ1 Datasheet HTML 6Page - Texas Instruments TPS54362AQPWPRQ1 Datasheet HTML 7Page - Texas Instruments TPS54362AQPWPRQ1 Datasheet HTML 8Page - Texas Instruments TPS54362AQPWPRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
I - Load Current - A
L
60%
65%
70%
75%
80%
85%
90%
0
0.5
1
1.5
2
2.5
3
V
= 12 V,
VReg = 5 V,
Fsw = 500 kHz,
L = 22 H
C
= 100 F,
T = 25 C
IN
O
A
m
m
o
Rslew = 5kW
Rslew = 35kW
I - Load Current - A
L
60%
65%
70%
75%
80%
85%
95%
0
0.5
1
1.5
2
2.5
3
VReg = 5 V,
Fsw = 500 kHz,
L = 22 H
C
= 100 F
Rslew = 5 k
m
m
W,
O
T = 25 C
A
o
V
= 6 V
IN
V
= 20 V
IN
90%
OV_TH
RST_TH
COMP
SS
VSENSE
PH
BOOT
VReg
Rslew
Vreg
VIN
LPM
VIN
EN
SYNC
nRST
GND
RT
Cdly
Supply
TPS54362
TPS54362-Q1, TPS54362A-Q1
www.ti.com
SLVS845D
– MARCH 2009 – REVISED OCTOBER 2011
3A, 60V STEP DOWN DC/DC CONVERTER WITH LOW Iq
Check for Samples: TPS54362-Q1, TPS54362A-Q1
1
FEATURES
Reset Function Filter Time for Fast Negative
Transients
2
Withstands Transients up to 60V With an
Programmable Overvoltage Output Monitoring
Operating Range of 3.6V to 48V
Programmable Undervoltage Output
Asynchronous Switch Mode Regulator With
Monitoring, Issuance of Reset if Output Falls
External Components (L and C), Load Current
Below Threshold
up to 3A (max)
Thermal Shutdown During Excessive Power
0.8V
± 1.5% Voltage Reference
Dissipation
200kHz to 2.2MHz Switching Frequency
Switch Current Limit Protection
High Voltage Tolerant Enable Input for ON/OFF
Short Circuit and Overcurrent Protection of
State
FET
Soft Start on Enable Cycle
Junction Temperature Range:
–40°C to 150°C
Slew Rate Control on Internal Power Switch
Package: 20-pin HTSSOP PowerPAD
External Clock Input for Synchronization
Qualified for Automotive Applications
Pulse Skip Mode (PFM) During Light Output
Loads With Quiescent Current = 65
μA Typical
APPLICATIONS
(LPM Operation)
Automotive Telematics
External Compensation for Wide Bandwidth
Error Amplifier
Navigation systems
Internal Undervoltage Lock Out UVLO
In-Dash Instrumentation
Programmable Reset Power on Delay
Battery Powered Applications
DESCRIPTION
The TPS54362/TPS54362A is a step down switch mode power supply with voltage supervisor. Integrated input
voltage line feed forward topology improves line transient regulation of the voltage mode buck regulator. The
regulator has a cycle-by cycle current limit. A pulse skip mode operation under no load reduces the supply
current to 65
μA. Using the enable pin, the supply shutdown current is reduced to 1μA.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2009–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS54362AQPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54362AQPWPRQ1 TI1-TPS54362AQPWPRQ1 Datasheet
1Mb / 40P
[Old version datasheet]   TPS54362-Q1 3-A, 60-V Step-Down DC-DC Converter With Low
More results

Similar Description - TPS54362AQPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54061 TI1-TPS54061 Datasheet
1Mb / 36P
[Old version datasheet]   Wide Input 60V, 200mA Synchronous Step-Down DC-DC Converter with Low IQ
logo
Diodes Incorporated
PAM2320 DIODES-PAM2320 Datasheet
369Kb / 12P
   3A LOW NOISE STEP-DOWN DC-DC CONVERTER
logo
Power Analog Micoelectr...
PAM2307 PAM-PAM2307 Datasheet
454Kb / 13P
   3A Low Noise Step-Down DC-DC Converter
PAM2303 PAM-PAM2303 Datasheet
336Kb / 13P
   3A Low Noise Step-Down DC-DC Converter
PAM2320 PAM-PAM2320 Datasheet
249Kb / 11P
   3A Low Noise Step-Down DC-DC Converter
logo
Diodes Incorporated
PAM2307 DIODES-PAM2307 Datasheet
618Kb / 14P
   3A LOW NOISE STEP-DOWN DC-DC CONVERTER
logo
Advanced Analogic Techn...
AAT1160 ANALOGICTECH-AAT1160 Datasheet
662Kb / 17P
   12V, 3A Step-Down DC/DC Converter
AAT1154 ANALOGICTECH-AAT1154_07 Datasheet
449Kb / 16P
   1MHz 3A Step-Down DC/DC Converter
logo
Holtek Semiconductor In...
HT7466 HOLTEK-HT7466 Datasheet
1Mb / 9P
   3A Step-Down DC to DC Converter
logo
Active-Semi, Inc
ACT2113 ACTIVE-SEMI-ACT2113_14 Datasheet
690Kb / 17P
   18V/3A Step-Down DC/DC Converter
Rev 3, 23-May-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com