Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C8051F963-A-GM Datasheet(PDF) 2 Page - Silicon Laboratories

Part # C8051F963-A-GM
Description  Ultra-Low-Power, High-Efficiency, Battery-Powered Metering MCU
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F963-A-GM Datasheet(HTML) 2 Page - Silicon Laboratories

  C8051F963-A-GM Datasheet HTML 1Page - Silicon Laboratories C8051F963-A-GM Datasheet HTML 2Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Low-Voltage/Low-Power
Copyright © 2011 by Silicon Laboratories
11.03.11
Silicon Laboratories and Silicon Labs are trademarks of Silicon Laboratories Inc.
Other products or brandnames mentioned herein are trademarks or registered trademarks of their respective holders
C8051F96x
Ultra-Low-Power, High-Efficiency, Battery-Powered Metering MCU
Selected Electrical Specifications
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Active mode current
IBAT
VBAT = 3.6 V, F = 20 MHz
110
uA/MHz
Active mode current
IBAT
F = 20 MHz LFO;
DC-DC enabled executing code
from FLASH; PCLKACT = 0x00;
VBAT = 3.6 V
—2.2
mA
Sleep mode current
IDD
Sleep Mode, SmaRTClock
running, internal LFO; 3.6 V
—0.4
uA
Sleep mode current
IDD
Sleep Mode,
SmaRTClock running,
32.768 kHz crystal; 3.6 V
—0.7
uA
Buck regulator efficiency
3.6 V input voltage
80
%
LCD refresh current 1
Internal LFO, LCD charge pump
disabled; 60 Hz;
non-multiplexed operation
(static mode); 3.6 V
—0.4
uA
LCD refresh current 2
Internal LFO, LCD charge pump
disabled; 60 Hz; multiplexed
operation; 3.6 V
—0.8
uA
Supply input voltage
VBAT
1.8
3.6
3.8
V
Product Family
Part Number
Memory (Flash/RAM)
I/O
LCD
Package (mm)
C8051F960-A-GM
128 kB / 8 kB
57
32x4
DQFN76 (6x6)
C8051F960-A-GQ
128 kB / 8 kB
57
32x4
QFP80 (12x12)
C8051F961-A-GM
128 kB / 8 kB
34
9x4
QFN40 (6x6)
C8051F962-A-GM
128 kB / 8 kB
57
DQFN76 (6x6)
C8051F962-A-GQ
128 kB / 8 kB
57
QFP80 (12x12)
C8051F963-A-GM
128 kB / 8 kB
34
QFN40 (6x6)
C8051F964-A-GM
64 kB / 8 kB
57
32x4
DQFN76 (6x6)
C8051F964-A-GQ
64 kB / 8 kB
57
32x4
QFP80 (12x12)
C8051F965-A-GM
64 kB / 8 kB
34
9x4
QFN40 (6x6)
C8051F966-A-GM
32 kB / 8 kB
57
32x4
DQFN76 (6x6)
C8051F966-A-GQ
32 kB / 8 kB
57
32x4
QFP80 (12x12)
C8051F967-A-GM
32 kB / 8 kB
34
9x4
QFN40 (6x6)
C8051F968-A-GM
16 kB / 4 kB
57
32x4
DQFN76 (6x6)
C8051F968-A-GQ
16 kB / 4 kB
57
32x4
QFP80 (12x12)
C8051F969-A-GM
16 kB / 4 kB
34
9x4
QFN40 (6x6)


Similar Part No. - C8051F963-A-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F963-B-GM SILABS-C8051F963-B-GM Datasheet
4Mb / 492P
   Ultra Low Power 128K, LCD MCU Family
C8051F963-B-GM SILABS-C8051F963-B-GM Datasheet
9Mb / 492P
   Ultra Low Power 128K, LCD MCU Family
Rev. 1.1
More results

Similar Description - C8051F963-A-GM

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1282 SEMTECH-SX1282 Datasheet
178Kb / 1P
   Transceiver/MCU/ADC System-on-Chip with RISC CPU for Battery-Powered Ultra-Low Power Applications
logo
Silicon Laboratories
C8051F98X SILABS-C8051F98X Datasheet
51Kb / 2P
   Ultra Low Power, High-Performance MCU
C8051F912 SILABS-C8051F912 Datasheet
61Kb / 3P
   Ultra-Low Power, High-Performance MCU
logo
Schneider Electric
IMT65W SCHNEIDER-IMT65W Datasheet
105Kb / 1P
   Battery powered magnetic watertransmitter for district metering of potable water
Apr 26, 2022
6500W SCHNEIDER-6500W Datasheet
116Kb / 2P
   Battery powered magnetic watermeter for district metering of potable water
Apr 26, 2022
logo
LSI Computer Systems
LS6525 LSI-LS6525 Datasheet
191Kb / 5P
   BATTERY POWERED LOW-POWER PIR SENSOR INTERFACE
LS6525 LSI-LS6525_15 Datasheet
219Kb / 5P
   BATTERY POWERED LOW-POWER PIR SENSOR INTERFACE
logo
Recom International Pow...
RM-E RECOM-RM-E Datasheet
93Kb / 2P
   Uses include battery powered supplies, high efficiency designs or high temperature applications.
logo
Maxim Integrated Produc...
MAX22191 MAXIM-MAX22191_V01 Datasheet
498Kb / 13P
   Ultra-Low-Power, Parasitically Powered Digital Input
19-100229; Rev 1; 10/20
logo
Shenzhen Huazhimei Semi...
HM6100 HMSEMI-HM6100 Datasheet
454Kb / 6P
   Ultra Low Power Battery Monitor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com