Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SH2-200R0005DE Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # SH2-200R0005DE
Description  Precision Metal-Clad Shunts
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

SH2-200R0005DE Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  SH2-200R0005DE Datasheet HTML 1Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ohmite Mfg. Co. 1600 Golf Rd., Rolling Meadows, IL 60008 • 1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
1
ORDERING INFORMA TION
SH Series
Precision Metal-Clad Shunts
Rated
Rated
Dimensions (mm)
Current
Voltage
Resistance Mass
L1
L2
L3
Series (A)
(mV)
(m
Ω)
(g)
±1.5
±2
±2
SH2 100
100
1.0000
650
146
165
225
150
100
0.6666
650
146
165
225
200
100
0.5000
650
146
165
225
SH3 250
100
0.4000
1100
196
215
275
300
100
0.3333
1100
196
215
275
S P e C ifi CA tion S
Temp. Range: -55°C ~ +110°C
Insulation Resist.: 100M
Ω min.
Dielectric Withstanding Voltage:
AC 500V for 1 minute
Temp. Coefficient:
Max. 30ppm/°C [20°C and 60°C]
60mm ±.5
400mm ±10
40mm ±.5
30mm ±.2
30mm ±.5
6.5ø 10 slot
ø6.5 holes
ø6.0 holes
L2 ±1.5
L1 ±1.5
L3 ±2
Precision metal clad resis-
tors designed in four-terminal
technique, are distinguished
by high load capacity as well
as excellent accuracy. Isolated
voltage and current connec-
tions making them suitable for
very precise current measure-
ments. The simple four port
Kelvin design ensures easy
installationon large current bus
bars. Units have a low induc-
tance, heavy copper terminals.
Applications include: battery
testing, current detection in
SH2-200R0005DE
Series
Current
Size
Tolerance
B = ±0.1%
D = ±0.5%
Resistance
see table
RoHS Compliant
P ERFORMAN c E D A T A
test
Method
Maximum
∆R
Short Time Overload 5x Power rating 5 sec.
±0.3%
Moisture Resistance 40°C, 95% RH, DC100V case to terminal, 500 hours
±0.5%
Thermal Shock
-65°C 30 minutes, +90°C 30 minutes 25 cycles
±0.2%
Vibration
10Hz-55Hz-10Hz (1min.), 2 hours each direction
±0.2%
Moisture Load Life
40°C, 95% RH, 0.1XPower rating 1.5 hours on,
±0.5%
30 minutes off, 500 hours
Load Life
Power rating 1.5 hours on, 30 min. off, 500 hours
±0.5%
precise power sources, con-
stant current sources, indus-
trial power conversion circuits,
HEVs, fuel cells and constant
electronic loads.
S T ANDARD P AR T N u M b ERS F OR SH S ERIES
Rated
Rated
Current
Voltage
Resistance
Resistance
Part
(A)
(mV)
(m
Ω)
tolerance
SH2-100R0010DE
100
100
1.0000
0.5%
SH2-150R0006DE
150
100
0.6666
0.5%
SH2-200R0005DE
200
100
0.5000
0.5%
SH3-250R0004DE
250
100
0.4000
0.5%
SH3-300R0003DE
300
100
0.3333
0.5%


Similar Part No. - SH2-200R0005DE

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
SH2-200R0005DE OHMITE-SH2-200R0005DE Datasheet
343Kb / 2P
   Precision metal clad resistors designed
SH2-200R0005DE OHMITE-SH2-200R0005DE Datasheet
205Kb / 1P
   Precision Metal-Clad Shunts
More results

Similar Description - SH2-200R0005DE

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
SH-SERIES OHMITE-SH-SERIES Datasheet
205Kb / 1P
   Precision Metal-Clad Shunts
logo
List of Unclassifed Man...
RH-5E ETC-RH-5E Datasheet
1Mb / 2P
   PRECISION TYPE METAL CLAD RESISTORS
logo
Ohmite Mfg. Co.
SHUNT-SH OHMITE-SHUNT-SH Datasheet
343Kb / 2P
   Precision metal clad resistors designed
logo
Tyco Electronics
1625971 MACOM-1625971 Datasheet
66Kb / 1P
   HSA25 METAL CLAD RESISTOR
logo
TE Connectivity Ltd
C-1625966 TEC-C-1625966 Datasheet
135Kb / 1P
   HSA10 METAL CLAD RESISTOR
logo
Riedon Powertron
RSA-50-50 RIEDON-RSA-50-50 Datasheet
585Kb / 4P
   Precision Current / DC Current Shunts
RSA-100-100 RIEDON-RSA-100-100 Datasheet
585Kb / 4P
   Precision Current / DC Current Shunts
RSA-5 RIEDON-RSA-5 Datasheet
585Kb / 4P
   Precision Current / DC Current Shunts
RSA-20-50 RIEDON-RSA-20-50 Datasheet
585Kb / 4P
   Precision Current / DC Current Shunts
logo
List of Unclassifed Man...
IRB60 ETC-IRB60 Datasheet
824Kb / 1P
   METAL CLAD ECONOMY RESISTROS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com