Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BSP123 Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part No. BSP123
Description  SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BSP123 Datasheet(HTML) 6 Page - Siemens Semiconductor Group

  BSP123 Datasheet HTML 1Page - Siemens Semiconductor Group BSP123 Datasheet HTML 2Page - Siemens Semiconductor Group BSP123 Datasheet HTML 3Page - Siemens Semiconductor Group BSP123 Datasheet HTML 4Page - Siemens Semiconductor Group BSP123 Datasheet HTML 5Page - Siemens Semiconductor Group BSP123 Datasheet HTML 6Page - Siemens Semiconductor Group BSP123 Datasheet HTML 7Page - Siemens Semiconductor Group BSP123 Datasheet HTML 8Page - Siemens Semiconductor Group BSP123 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Semiconductor Group
6
Sep-12-1996
BSP 123
Typ. output characteristics
ID = ƒ(VDS)
parameter:
tp = 80 µs , Tj = 25 °C
0
2
4
6
8
V
11
V
DS
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
A
0.9
I
D
V
GS
[V]
a
a
2.0
b
b
2.5
c
c
3.0
d
d
3.5
e
e
4.0
f
f
4.5
g
g
5.0
h
h
6.0
i
i
7.0
j
j
8.0
k
k
9.0
l
Ptot = 2W
l
10.0
Typ. drain-source on-resistance
RDS (on) = ƒ(ID)
parameter:
tp = 80 µs, Tj = 25 °C
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
A
0.9
I
D
0
2
4
6
8
10
12
14
16
19
R
DS (on)
VGS [V] =
a
2.0
VGS [V] =
a
a
2.5
b
b
3.0
c
c
3.5
d
d
4.0
e
e
4.5
f
f
5.0
g
g
6.0
h
h
7.0
i
i
8.0
j
j
9.0
k
k
10.0
Typ. transfer characteristics
ID = f(VGS)
parameter:
tp = 80 µs
0
1
2
3
4
5
6
7
8
V
10
V
GS
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
A
1.0
I
D
Typ. forward transconductance
gfs = f (ID)
parameter:
tp = 80 µs,
0.0
0.1
0.2
0.3
0.4
0.5
0.6
A
0.8
I
D
0.00
0.05
0.10
0.15
0.20
0.25
0.30
S
0.40
g
fs


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn