Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BSP123 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part No. BSP123
Description  SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BSP123 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  BSP123 Datasheet HTML 1Page - Siemens Semiconductor Group BSP123 Datasheet HTML 2Page - Siemens Semiconductor Group BSP123 Datasheet HTML 3Page - Siemens Semiconductor Group BSP123 Datasheet HTML 4Page - Siemens Semiconductor Group BSP123 Datasheet HTML 5Page - Siemens Semiconductor Group BSP123 Datasheet HTML 6Page - Siemens Semiconductor Group BSP123 Datasheet HTML 7Page - Siemens Semiconductor Group BSP123 Datasheet HTML 8Page - Siemens Semiconductor Group BSP123 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Semiconductor Group
5
Sep-12-1996
BSP 123
Power dissipation
Ptot = ƒ(TA)
0
20
40
60
80
100
120
°C
160
T
A
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
W
2.0
P
tot
Drain current
ID = ƒ(TA)
parameter:
VGS ≥ 10 V
0
20
40
60
80
100
120
°C
160
T
A
0.00
0.04
0.08
0.12
0.16
0.20
0.24
0.28
0.32
A
0.40
I
D
Safe operating area
ID=f(VDS)
parameter :
D = 0, TC=25°C
Transient thermal impedance
Z
th JA = ƒ(tp)
parameter:
D = t
p / T
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
K/W
Z
thJC
10
-8
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
s
t
p
single pulse
0.01
0.02
0.05
0.10
0.20
D = 0.50


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn