Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

10UT10FNTRL Datasheet(PDF) 6 Page - Vishay Siliconix

Part No. 10UT10FNTRL
Description  High Performance Generation 5.0 Schottky Rectifier, 10 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

10UT10FNTRL Datasheet(HTML) 6 Page - Vishay Siliconix

  10UT10FNTRL Datasheet HTML 1Page - Vishay Siliconix 10UT10FNTRL Datasheet HTML 2Page - Vishay Siliconix 10UT10FNTRL Datasheet HTML 3Page - Vishay Siliconix 10UT10FNTRL Datasheet HTML 4Page - Vishay Siliconix 10UT10FNTRL Datasheet HTML 5Page - Vishay Siliconix 10UT10FNTRL Datasheet HTML 6Page - Vishay Siliconix 10UT10FNTRL Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Document Number: 95024
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 24-May-11
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
I-PAK - S
Outline Dimensions
Vishay Semiconductors
DIMENSIONS FOR I-PAK - S in millimeters
SYMBOL
DIMENSIONAL REQUIREMENTS
MIN.
NOM.
MAX.
E
6.40
6.60
6.70
L
3.98
4.13
4.28
L4
0.66
0.76
0.86
L5
1.96
2.16
2.36
D
6.00
6.10
6.20
H
11.05
11.25
11.45
b
0.64
0.76
0.88
b2
0.77
0.84
1.14
b3
5.21
5.34
5.46
b4
0.41
0.51
0.61
e
2.286 BSC
A
2.20
2.30
2.38
c
0.40
0.50
0.60
c2
0.40
0.50
0.60
D1
5.30
-
-
E1
4.40
-
-
E
ee
A
c2
c
1
2
3
4
b
b4
b2
b3
E1


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn