Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

10UT10FNTR Datasheet(PDF) 4 Page - Vishay Siliconix

Part No. 10UT10FNTR
Description  High Performance Generation 5.0 Schottky Rectifier, 10 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

10UT10FNTR Datasheet(HTML) 4 Page - Vishay Siliconix

  10UT10FNTR Datasheet HTML 1Page - Vishay Siliconix 10UT10FNTR Datasheet HTML 2Page - Vishay Siliconix 10UT10FNTR Datasheet HTML 3Page - Vishay Siliconix 10UT10FNTR Datasheet HTML 4Page - Vishay Siliconix 10UT10FNTR Datasheet HTML 5Page - Vishay Siliconix 10UT10FNTR Datasheet HTML 6Page - Vishay Siliconix 10UT10FNTR Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
VS-10UT10, VS-10WT10FN
www.vishay.com
Vishay Semiconductors
Revision: 02-Nov-11
4
Document Number: 94647
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 7 - Maximum Non-Repetitive Surge Current
Note
(1) Formula used: TC = TJ - (Pd + PdREV) x RthJC;
Pd = Forward power loss = IF(AV) x VFM at (IF(AV)/D) (see fig. 6);
PdREV = Inverse power loss = VR1 x IR (1 - D); IR at VR1 = 80 % rated VR
Fig. 8 - Reverse Bias Safe Operating Area (Avalanche Current vs. Rectangular Pulse Duration)
Fig. 9 - Reverse Bias Safe Operating Area (Avalanche Energy vs. Rectangular Pulse Duration)
tp - Square Wave Pulse Duration (µs)
10
100
1000
10 000
10
1000
100
1
10
100
110
Rectangular Pulse Duration (µs)
100
T
J = 25 °C
T
J = 125 °C
T
J = 175 °C
1
10
100
110
Rectangular Pulse Duration (µs)
100
T
J = 25 °C
T
J = 125 °C
T
J = 175 °C


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn