Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

10UT10FNTR Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. 10UT10FNTR
Description  High Performance Generation 5.0 Schottky Rectifier, 10 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

10UT10FNTR Datasheet(HTML) 3 Page - Vishay Siliconix

  10UT10FNTR Datasheet HTML 1Page - Vishay Siliconix 10UT10FNTR Datasheet HTML 2Page - Vishay Siliconix 10UT10FNTR Datasheet HTML 3Page - Vishay Siliconix 10UT10FNTR Datasheet HTML 4Page - Vishay Siliconix 10UT10FNTR Datasheet HTML 5Page - Vishay Siliconix 10UT10FNTR Datasheet HTML 6Page - Vishay Siliconix 10UT10FNTR Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
VS-10UT10, VS-10WT10FN
www.vishay.com
Vishay Semiconductors
Revision: 02-Nov-11
3
Document Number: 94647
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 3 - Typical Junction Capacitance vs. Reverse Voltage
Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics
Fig. 5 - Maximum Allowable Case Temperature vs.
Average Forward Current
Fig. 6 - Forward Power Loss Characteristics
VR - Reverse Voltage (V)
020
40
80
60
100
10
1000
100
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
t1 - Rectangular Pulse Duration (s)
1
Single pulse
(thermal resistance)
D = 0.75
D = 0.50
D = 0.33
D = 0.25
D = 0.20
I
F(AV) Average Forward Current (A)
8
6
4
212
10
14
16
0
165
175
180
145
155
160
170
150
Square wave (D = 0.50)
80 % rated V
R applied
See note (1)
DC
I
F(AV) - Average Forward Current (A)
12
9
6
3
15
0
8
10
0
4
6
2
180°
120°
90°
60°
30°
RMS limit
DC


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn