Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

10UT10FNTR Datasheet(PDF) 5 Page - Vishay Siliconix

Part No. 10UT10FNTR
Description  High Performance Generation 5.0 Schottky Rectifier, 10 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

10UT10FNTR Datasheet(HTML) 5 Page - Vishay Siliconix

  10UT10FNTR Datasheet HTML 1Page - Vishay Siliconix 10UT10FNTR Datasheet HTML 2Page - Vishay Siliconix 10UT10FNTR Datasheet HTML 3Page - Vishay Siliconix 10UT10FNTR Datasheet HTML 4Page - Vishay Siliconix 10UT10FNTR Datasheet HTML 5Page - Vishay Siliconix 10UT10FNTR Datasheet HTML 6Page - Vishay Siliconix 10UT10FNTR Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
VS-10UT10, VS-10WT10FN
www.vishay.com
Vishay Semiconductors
Revision: 02-Nov-11
5
Document Number: 94647
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ORDERING INFORMATION TABLE
LINKS TO RELATED DOCUMENTS
Dimensions
I-PAK (TO-251AA)
www.vishay.com/doc?95024
D-PAK (TO-252AA)
www.vishay.com/doc?95448
Part marking information
I-PAK (TO-251AA)
www.vishay.com/doc?95025
D-PAK (TO-252AA)
www.vishay.com/doc?95059
Packaging information
www.vishay.com/doc?95033
SPICE model
www.vishay.com/doc?95026
2
-
Current rating (10 A)
1
-
Vishay Semiconductors product
3
-
Package:
U = I-PAK
W = D-PAK
4
-
T = Trench
5
-
Voltage code (100 V)
7
-
D-PAK, I-PAK:
None = Tube (75 pieces)
D-PAK only:
TR = Tape and reel
TRL = Tape and reel (left oriented)
TRR = Tape and reel (right oriented)
6
-
TO-252AA (D-PAK)
Device code
5
1
3
2
4
6
7
VS-
10
U
T
10
FN
TRL


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn