Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BSM50GD120DN2G Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part No. BSM50GD120DN2G
Description  IGBT Power Module (Power module 3-phase full-bridge Including fast free-wheel diodes)
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

BSM50GD120DN2G Datasheet(HTML) 5 Page - Siemens Semiconductor Group

   
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Semiconductor Group
5
Aug-23-1996
BSM 50 GD 120 DN2G
Typ. output characteristics
IC = f (VCE)
parameter:
tp = 80 µs, Tj = 25 °C
0
1
2
3
V
5
V
CE
0
10
20
30
40
50
60
70
80
A
100
I
C
17V
15V
13V
11V
9V
7V
Typ. output characteristics
IC = f (VCE)
parameter:
tp = 80 µs, Tj = 125 °C
0
1
2
3
V
5
V
CE
0
10
20
30
40
50
60
70
80
A
100
I
C
17V
15V
13V
11V
9V
7V
Typ. transfer characteristics
IC = f (VGE)
parameter:
tp = 80 µs, VCE = 20 V
0
2
4
6
8
10
V
14
V
GE
0
10
20
30
40
50
60
70
80
A
100
I
C


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BSM150GT120DN2IGBT Power Module Solderable Power module 3-phase full-bridge Including fast free-wheel diodes 1 2 3 4 5 MoreSiemens Semiconductor Group
BSM15GD120D2IGBT Power Module Power module 3-phase full-bridge Including fast free-wheel diodes 1 2 3 4 5 MoreSiemens Semiconductor Group
BSM15GD60DN2IGBT Power Module Power module 3-phase full-bridge Including fast free-wheel diodes 1 2 3 4 5 MoreSiemens Semiconductor Group
BSM200GT120DN2IGBT Power Module Solderable Power module 3-phase full-bridge Including fast free-wheel diodes 1 2 3 4 5 MoreSiemens Semiconductor Group
BSM25GD120D2IGBT Power Module Power module 3-phase full-bridge Including fast free-wheel diodes 1 2 3 4 5 MoreSiemens Semiconductor Group
BSM35GD120D2IGBT Power Module Power module 3-phase full-bridge Including fast free-wheel diodes 1 2 3 4 5 MoreSiemens Semiconductor Group
BSM50GD120DN2IGBT Power Module Power module 3-phase full-bridge Including fast free-wheel diodes 1 2 3 4 5 MoreSiemens Semiconductor Group
BSM50GD120DN2E3226IGBT Power Module Power module 3-phase full-bridge Including fast free-wheel diodes Package with insulated metal base plate 1 2 3 4 5 MoreSiemens Semiconductor Group
BSM50GD60DN2IGBT Power Module Power module 3-phase full-bridge Including fast free-wheel diodes 1 2 3 4 5 MoreSiemens Semiconductor Group
BSM50GD60DN2E3226IGBT Power Module Power module 3-phase full-bridge Including fast free-wheel diodes 1 2 3 4 5 MoreSiemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn