Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STPS40L45CWPBF Datasheet(PDF) 5 Page - Vishay Siliconix

Part No. STPS40L45CWPBF
Description  Schottky Rectifier, 2 x 20 A
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

STPS40L45CWPBF Datasheet(HTML) 5 Page - Vishay Siliconix

  STPS40L45CWPBF_12 Datasheet HTML 1Page - Vishay Siliconix STPS40L45CWPBF_12 Datasheet HTML 2Page - Vishay Siliconix STPS40L45CWPBF_12 Datasheet HTML 3Page - Vishay Siliconix STPS40L45CWPBF_12 Datasheet HTML 4Page - Vishay Siliconix STPS40L45CWPBF_12 Datasheet HTML 5Page - Vishay Siliconix STPS40L45CWPBF_12 Datasheet HTML 6Page - Vishay Siliconix STPS40L45CWPBF_12 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
VS-STPS40L45CWPbF, VS-STPS40L45CW-N3
www.vishay.com
Vishay Semiconductors
Revision: 30-Aug-11
5
Document Number: 94333
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ORDERING INFORMATION TABLE
ORDERING INFORMATION (Example)
PREFERRED P/N
QUANTITY PER T/R
MINIMUM ORDER QUANTITY
PACKAGING DESCRIPTION
VS-STPS40L45CWPbF
25
500
Antistatic plastic tube
VS-STPS40L45CW-N3
25
500
Antistatic plastic tube
LINKS TO RELATED DOCUMENTS
Dimensions
www.vishay.com/doc?95223
Part marking information
TO-247AC PbF
www.vishay.com/doc?95226
TO-247AC -N3
www.vishay.com/doc?95007
-
Schottky STPS series
-
Current ratings (40 = 40 A)
-
L = Low forward voltage
-
Voltage code (45 = 45 V)
-
Package:
CW = TO-247
Device code
6
2
4
3
5
7
STPS 40
L
45
CW PbF
VS-
1
-
Vishay Semiconductors product
-
PbF = Lead (Pb)-free and RoHS compliant
-N3 = Halogen-free, RoHS compliant, and totally lead (Pb)-free
Environmental digit
2
3
4
5
6
7
1


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn