Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STPS1L30UPBF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # STPS1L30UPBF
Description  Schottky Rectifier, 1.0 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

STPS1L30UPBF Datasheet(HTML) 2 Page - Vishay Siliconix

  STPS1L30UPBF Datasheet HTML 1Page - Vishay Siliconix STPS1L30UPBF Datasheet HTML 2Page - Vishay Siliconix STPS1L30UPBF Datasheet HTML 3Page - Vishay Siliconix STPS1L30UPBF Datasheet HTML 4Page - Vishay Siliconix STPS1L30UPBF Datasheet HTML 5Page - Vishay Siliconix STPS1L30UPBF Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
For technical questions, contact: diodestech@vishay.com
Document Number: 94324
2
Revision: 05-Mar-10
VS-STPS1L30UPbF
Vishay High Power Products Schottky Rectifier, 1.0 A
Note
(1) Pulse width < 300 μs, duty cycle < 2 %
Notes
(1)
thermal runaway condition for a diode on its own heatsink
(2) Mounted 1" square PCB
ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum forward voltage drop
VFM (1)
1 A
TJ = 25 °C
0.420
V
2 A
0.470
1 A
TJ = 125 °C
0.300
2 A
0.375
Maximum reverse leakage current
IRM (1)
TJ = 25 °C
VR = Rated VR
0.2
mA
TJ = 100 °C
5.0
TJ = 125 °C
15
Maximum junction capacitance
CT
VR = 5 VDC (test signal range 100 kHz to 1 MHz), 25 °C
200
pF
Typical series inductance
LS
Measured lead to lead 5 mm from package body
2.0
nH
Maximum voltage rate of change
dV/dt
Rated VR
10 000
V/μs
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction and storage
temperature range
TJ (1), TStg
- 55 to 150
°C
Maximum thermal resistance,
junction to lead
RthJL (2)
DC operation
25
°C/W
Maximum thermal resistance,
junction to ambient
RthJA
80
Approximate weight
0.10
g
0.003
oz.
Marking device
Case style SMB (similar to DO-214AA)
V13L
dP
tot
dT
J
-------------
1
R
thJA
--------------
<


Similar Part No. - STPS1L30UPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
STPS1L30UPBF IRF-STPS1L30UPBF Datasheet
121Kb / 6P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
STPS1L30UPBF VISHAY-STPS1L30UPBF Datasheet
91Kb / 5P
   Schottky Rectifier, 1.0 A
Revision: 15-Aug-08
More results

Similar Description - STPS1L30UPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-10BQ015PBF VISHAY-VS-10BQ015PBF Datasheet
116Kb / 7P
   Schottky Rectifier, 1.0 A
Revision: 15-Nov-10
MBRS190TRPBF VISHAY-MBRS190TRPBF Datasheet
97Kb / 6P
   Schottky Rectifier, 1.0 A
Revision: 15-Aug-08
10BQ015PBF VISHAY-10BQ015PBF Datasheet
99Kb / 6P
   Schottky Rectifier, 1.0 A
Revision: 04-Nov-08
10BQ040PBF VISHAY-10BQ040PBF Datasheet
95Kb / 6P
   Schottky Rectifier, 1.0 A
Revision: 16-Apr-08
MBRS140TRPBF VISHAY-MBRS140TRPBF Datasheet
92Kb / 6P
   Schottky Rectifier, 1.0 A
Revision: 21-Apr-08
VS-MBRA120TRPBF VISHAY-VS-MBRA120TRPBF Datasheet
110Kb / 6P
   Schottky Rectifier, 1.0 A
Revision: 04-Mar-10
VS-10BQ040-M3 VISHAY-VS-10BQ040-M3_15 Datasheet
103Kb / 6P
   Schottky Rectifier, 1.0 A
Revision: 29-May-12
10BQ015M VISHAY-10BQ015M Datasheet
114Kb / 6P
   Schottky Rectifier, 1.0 A
Revision: 29-May-12
VS-1N5819 VISHAY-VS-1N5819 Datasheet
116Kb / 6P
   Schottky Rectifier, 1.0 A
Revision: 21-Sep-11
10BQ015PBF VISHAY-10BQ015PBF_10 Datasheet
117Kb / 7P
   Schottky Rectifier, 1.0 A
Revision: 15-Nov-10
MBRA120TRPBF VISHAY-MBRA120TRPBF_10 Datasheet
111Kb / 6P
   Schottky Rectifier, 1.0 A
Revision: 04-Mar-10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com