Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQP1N60 Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # FQP1N60
Description  600V N-Channel MOSFET
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

FQP1N60 Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  FQP1N60 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TO-220
Parameter
Symbol
Value
Unit
Drain-Source Voltage
VDSS
600
V
Drain Current - Continuous
ID
1.0
A
Drain Current - Pulsed
IDM
3.0
A
Gate-Source Voltage
VGSS
±30
V
Power Dissipation
PD
34
W
Max. Operating Junction Temperature
Tj
150
oC
Storage Temperature
Tstg
-55~150
oC
FQP1N60
DESCRIPTION
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Drain-Source Breakdown Voltage
BVDSS
VGS = 0V, ID =250μA
600
V
Zero Gate Voltage Drain Current
IDSS
VDS =600V, VGS =0V
1.0
uA
Gate-Body Leakage Current, Forward
IGSSF
VGS =30V, VDS =0V
100
uA
Gate-Body Leakage Current, Reverse
IGSSR
VGS = -30V, VDS =0V
-100
uA
Gate Threshold Voltage
VGS(th)
VDS = VGS , ID =250μA
2.0
4.0
V
Static Drain-Source On-Resistance
RDS(on) VGS = 10 V, ID = 0.5 A
9.7
12
W
Drain-Source Diode Forward Voltage
VSD
VGS = 0 V, IS = 1.0 A
1.4
V
600V N-Channel MOSFET
Product specification
These N-Channel enhancement mode power field effect transistors are produced using Fairchild
s
proprietary,planar, DMOS technology.
This advanced technology has been especially tailored to minimize on-state resistance, provide superior
switching performance, and withstand high energy pulse in the avalanche and commutation mode. These
devices are well suited for high efficiency switch mode power supplies.
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS ( Ta = 25 C)
O
( Ta = 25 C)
O
TIGER ELECTRONIC CO.,LTD


Similar Part No. - FQP1N60

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQP1N60 FAIRCHILD-FQP1N60 Datasheet
519Kb / 8P
   QFET N-CHANNEL
More results

Similar Description - FQP1N60

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB3N60 FAIRCHILD-FQB3N60 Datasheet
581Kb / 9P
   600V N-Channel MOSFET
FCB11N60F FAIRCHILD-FCB11N60F Datasheet
1,004Kb / 8P
   600V N-Channel MOSFET
FCH47N60F_0605 FAIRCHILD-FCH47N60F_0605 Datasheet
978Kb / 8P
   600V N-Channel MOSFET
FCA16N60 FAIRCHILD-FCA16N60_06 Datasheet
962Kb / 9P
   600V N-Channel MOSFET
FQAF7N60 FAIRCHILD-FQAF7N60 Datasheet
578Kb / 8P
   600V N-Channel MOSFET
FCI7N60 FAIRCHILD-FCI7N60 Datasheet
951Kb / 8P
   600V N-Channel MOSFET
FCP16N60 FAIRCHILD-FCP16N60 Datasheet
1Mb / 10P
   600V N-Channel MOSFET
FCD5N60 FAIRCHILD-FCD5N60 Datasheet
947Kb / 9P
   600V N-Channel MOSFET
FQB3N60C FAIRCHILD-FQB3N60C Datasheet
753Kb / 8P
   600V N-Channel MOSFET
FQP3N60C FAIRCHILD-FQP3N60C Datasheet
738Kb / 8P
   600V N-Channel MOSFET
FCP260N60E FAIRCHILD-FCP260N60E Datasheet
283Kb / 10P
   600V N-Channel MOSFET
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com